Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3751
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3751 Datasheet HTML 17Page - Linear Technology LT3751 Datasheet HTML 18Page - Linear Technology LT3751 Datasheet HTML 19Page - Linear Technology LT3751 Datasheet HTML 20Page - Linear Technology LT3751 Datasheet HTML 21Page - Linear Technology LT3751 Datasheet HTML 22Page - Linear Technology LT3751 Datasheet HTML 23Page - Linear Technology LT3751 Datasheet HTML 24Page - Linear Technology LT3751 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3751
21
3751f
Figure 12. Effects of RC Snubber
APPLICATIONS INFORMATION
Figure 12 shows the effect of the RC snubber resulting in
a lower voltage spike and faster settling time.
LOW NOISE REGULATION
The LT3751 has the option to provide low noise regulated
output voltage when using a resistive voltage divider
from the output node to the FB pin. Refer to the Selecting
Component Parameters section to design the transformer,
NMOS power switch, output diode, and sense resistor.
Use the following equations to select the feedback resis-
tor values based on the power dissipation and desired
output voltage:
RFBH =
VOUT − 1.22
()2
PD
; Top Feedback Resistor
RFBL =
1.22
VOUT − 1.22
⎛
⎝⎜
⎞
⎠⎟
•RFBH ; Bottom Feedback Resistor
RFBH, depending on output voltage and type used, may
require several smaller values placed in series. This will
reduce the risk of arcing and damage to the feedback resis-
tors. Consult the manufacturer’s rated voltage specification
for safe operation of the feedback resistors.
The LT3751 has a minimum periodic refresh frequency
limit of 23kHz. This drastically reduces switching frequency
components in the audio spectrum. The LT3751 can oper-
ate with no-load, but the regulation scheme switches to
overvoltage Burst Mode Operation and audible noise and
output voltage ripple increase. This can be avoided by
operating with a minimum load current.
Minimum Load Current
Periodic refresh circuitry requires an average minimum
load current to avoid entering overvoltage burst mode.
Usually, the feedback resistors should be adequate to
provide this minimum load current.
ILOAD(MIN) ≥
LPRI •I
2
PK •23kHz
100 • VOUT
IPK is the peak primary current at maximum power de-
livery. The LT3751 will enter overvoltage burst mode if
the minimum load current is not met. Overvoltage burst
mode will prevent the application from entering a runaway
condition; however, the output voltage will increase 10%
over the nominal regulated voltage.
0V
0V
3751 F12
VDRAIN
(WITH
SNUBBER)
VDRAIN
(WITHOUT
SNUBBER)
IPRI
NMOS DIODE
CONDUCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com