Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3681 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3681 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3681 Datasheet HTML 16Page - Linear Technology LT3681 Datasheet HTML 17Page - Linear Technology LT3681 Datasheet HTML 18Page - Linear Technology LT3681 Datasheet HTML 19Page - Linear Technology LT3681 Datasheet HTML 20Page - Linear Technology LT3681 Datasheet HTML 21Page - Linear Technology LT3681 Datasheet HTML 22Page - Linear Technology LT3681 Datasheet HTML 23Page - Linear Technology LT3681 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3681
21
3681f
TYPICAL APPLICATIONS
5V, 2MHz Step-Down Converter
SW
BIAS
FB
VC
PG
RT
VIN
BD
VIN
8.6V TO 22V
TRANSIENT TO 36V
VOUT
5V
2A
2.2
mF
0.47
mF
10
mF
200k
f = 2MHz
L: TOKO FDV0620-2R2
6.8k
16.9k
L
2.2
mH
590k
GND
470pF
ON OFF
LT3681
3681 TA05
RUN/SS
BOOST
DC
DA
SW
BIAS
FB
VC
PG
RT
VIN
BD
VIN
4V TO 34V
VOUT
2.5V
2A
4.7
mF
1
mF
47
mF
200k
f = 600kHz
D2: MBR0540
L: SUMIDA CDRH8D43-4R7
22k
84.5k
L
4.7
mH
196k
GND
680pF
ON OFF
LT3681
D2
3681 TA04
RUN/SS
BOOST
DC
DA
2.5V Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com