Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAPB3 Datasheet(PDF) 1 Page - Actel Corporation

Part # COREAPB3
Description  CoreAPB3
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAPB3 Datasheet(HTML) 1 Page - Actel Corporation

  COREAPB3 Datasheet HTML 1Page - Actel Corporation COREAPB3 Datasheet HTML 2Page - Actel Corporation COREAPB3 Datasheet HTML 3Page - Actel Corporation COREAPB3 Datasheet HTML 4Page - Actel Corporation COREAPB3 Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2008
v 2 . 1
1
© 2008 Actel Corporation
CoreAPB3
Product Summary
Intended Use
•
Intended for Use in Processor-Based Systems to
Implement the AMBA APB Bus Fabric
•
Allows Connection of either AMBA, APB2, or APB3
Peripherals to an APB3 Master
•
Configured for Easy and Automatic System Design
with CoreConsole
•
To Be Used Only with APB Masters that Do Not
Have Built-In APB Address Decoding
Key Features
•
Up to 16 Slave Devices (APB2 or APB3) Supported
•
Automatic
Connection
to
AHB
Bridge
(CoreAHBtoAPB3) and APB Slaves, as well as APB3
Slaves
•
Provides Configurable Address Decoding for APB
Slots
Benefits
•
Allows Easy Connection of APB Devices to a
CoreMP7 or Cortex™-M1 Subsystem
•
Auto Stitch in CoreConsole for Rapid Development
•
Compatible with AMBA, CoreMP7, and Cortex-M1
Supported Device Families
•Fusion
•
IGLOO™
•
IGLOOe
•ProASIC®3L
•ProASIC3
•ProASIC3E
Synthesis and Simulation Support
•
Supported in the Actel Libero® Integrated Design
Environment (IDE)
Verification and Compliance
•
Compliant with AMBA
General Description
Along
with
CoreAHBtoAPB3,
the
CoreAPB3
bus
component provides an AMBA APB fabric that supports
up to 16 APB slaves. CoreAHBtoAPB3 provides APB
address decoding in the form of select signals. CoreAPB3
is concerned with multiplexing the read data busses,
PREADY signals, and PSLVERR signals to send to
CoreAHBtoAPB3.
Figure 1
gives
an
illustration
of
CoreAPB3.
There is one APB master, which sends out a PSEL signal to
CoreAPB3. This is used by CoreAPB3, along with appropriate
bits from the PADDR bus, to decode the appropriate PSELS
signal. This address decoding is dependent on the RangeSize
hardware parameter/generic. All 16 APB slots are always
of equal size. However, this size may be configured as
any value from 256 locations to 1 M locations by setting
RangeSize appropriately (via CoreConsole).
Contents
Contents ..................................................................... 1
General Description ................................................... 1
Pinout ......................................................................... 2
Connecting CoreAPB3 in CoreConsole ..................... 3
Utilization ................................................................... 3
Ordering Information ................................................ 3
List of Changes ........................................................... 4
Datasheet Categories ................................................. 4
Figure 1 • CoreAPB3
PSTB
PA[31:0]
PWDATA[31:0]
PRDATA[31:0]
PWRITE
PSEL
PRDATA[31:0]
PRDATA[31:0]
PRDATA[31:0]
From Slave 1
From Slave 2
From Slave N
To APB Slaves
From Bridge
To Bridge


Similar Part No. - COREAPB3

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREAPB ACTEL-COREAPB Datasheet
177Kb / 4P
CoreAPB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com