Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAPB Datasheet(PDF) 1 Page - Actel Corporation

Part # COREAPB
Description  CoreAPB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAPB Datasheet(HTML) 1 Page - Actel Corporation

  COREAPB Datasheet HTML 1Page - Actel Corporation COREAPB Datasheet HTML 2Page - Actel Corporation COREAPB Datasheet HTML 3Page - Actel Corporation COREAPB Datasheet HTML 4Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
January 2008
v 2 . 1
1
© 2008 Actel Corporation
CoreAPB
Product Summary
Intended Use
Intended for Use in a Processor Subsystem to
Implement the Advanced Peripheral Bus (APB)
Fabric
Configured for Easy and Automatic System Design
with CoreConsole
Key Features
Supplied in SysBASIC Core Bundle
Up to 16 APB Slave Devices Supported
Automatic Connection to AHB Bridge (CoreAHB2APB)
and APB Slaves
Benefits
Allows Easy Connection of APB Devices to a
CoreMP7 or Cortex-M1 Subsystem
Auto Stitch in CoreConsole for Rapid Development
Compatible with Advanced Microcontroller Bus
Architecture (AMBA), CoreMP7, and Cortex-M1
Supported Device Families
•Fusion
IGLOO™
IGLOOe
•ProASIC®3L
•ProASIC3
•ProASIC3E
Synthesis and Simulation Support
Supported in the Actel Libero® Integrated Design
Environment (IDE)
Verification and Compliance
Compliant with AMBA
General Description
Along with CoreAHB2APB, the CoreAPB component
provides an AMBA APB fabric that supports up to 16 APB
slaves. CoreAHB2APB provides APB address decoding in
the form of select signals. CoreAPB is concerned with
multiplexing the read data busses from all the APB slaves
into one single read data bus to send to CoreAHB2APB.
Figure 1 gives an illustration of CoreAPB.
There is one APB master interface, which is typically
connected to the AMBA Bridge, and 16 equal-sized
(16 MB) APB slave interfaces.
Contents
General Description ................................................... 1
Connecting CoreAPB in CoreConsole ....................... 2
Resource Requirements ............................................. 2
Ordering Information ................................................ 2
List of Changes ........................................................... 3
Datasheet Categories ................................................. 3
Figure 1 • CoreAPB
PSTB
PA[31:0]
PWDATA[31:0]
PRDATA[31:0]
PWRITE
PSELslave1
PSELslave2
PSELslaveN
PRDATA[31:0]
PRDATA[31:0]
PRDATA[31:0]
From Slave 1
From Slave 2
From Slave N
To APB Slaves
From Bridge
To Bridge


Similar Part No. - COREAPB

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREAPB3 ACTEL-COREAPB3 Datasheet
259Kb / 5P
CoreAPB3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com