Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-EV Datasheet(PDF) 4 Page - Actel Corporation

Part # COREAI-EV
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-EV Datasheet(HTML) 4 Page - Actel Corporation

  COREAI-EV Datasheet HTML 1Page - Actel Corporation COREAI-EV Datasheet HTML 2Page - Actel Corporation COREAI-EV Datasheet HTML 3Page - Actel Corporation COREAI-EV Datasheet HTML 4Page - Actel Corporation COREAI-EV Datasheet HTML 5Page - Actel Corporation COREAI-EV Datasheet HTML 6Page - Actel Corporation COREAI-EV Datasheet HTML 7Page - Actel Corporation COREAI-EV Datasheet HTML 8Page - Actel Corporation COREAI-EV Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CoreAI
4
v2.0
I/O Signal Descriptions
The port signals for the CoreAI macro are defined in Table 3 and illustrated in Figure 3. CoreAI has 120 I/O signals.
Note that vector notation is used in Figure 3 for the AV, AC, AT, ATRETURN, DDGDON, DAVOUT, DACOUT, DATOUT,
AG, and RTCXTLMODE ports; however, these ports are actually split into individual single-bit ports, as described in
Table 3. For example, there are two individual output ports, RTCXTLMODE1 and RTCXTLMODE0, rather than one
vectored output port RTCXTLMODE[1:0].
Figure 3 • CoreAI I/O Signal Diagram
Table 3 • CoreAI I/O Signal Descriptions
Name
Type
Description
APB Interface
PCLK
Input
APB System Clock: reference clock for all internal logic
PRESETN
Input
APB active-low asynchronous reset
PADDR[4:0]
Input
APB address bus – This port is used to address internal CoreAI registers.
PSEL
Input
APB Slave Select – This signal selects CoreAI for reads or writes.
PENABLE
Input
APB Strobe – This signal indicates the second cycle of an APB transfer.
PWRITE
Input
APB Write/Read – If high, a write will occur when an APB transfer to CoreAI takes place; if
low, a read from CoreAI will take place.
PWDATA[15:0]
Input
APB write data – If the APB_16BIT_DATA parameter/generic is set to 1, all 16 bits are used; if
the APB_16BIT_DATA parameter/generic is set to 0, only the lower 8 bits, PWDATA[7:0], are
used (in this case, PWDATA[15:8] should be tied to static high or low values).
PRDATA[15:0]
Output
APB read data – If the APB_16BIT_DATA parameter/generic is set to 1, all 16 bits are used; if
the APB_16BIT_DATA parameter/generic is set to 0, only the lower 8 bits, PRDATA[7:0], are
used (in this case, PRDATA[15:8] can be left unconnected).
INTERRUPT
Output
Microprocessor interrupt output – This interrupt signal is generated from 14 possible
interrupt sources, each of which can be masked or enabled via the INTENABLE register. The
polarity of this output is controlled via the ACTLOW_INTERRUPT parameter/generic.
Note: All signals active high (logic 1) unless otherwise noted.
PCLK
PRESETN
PADDR[4:0]
PWDATA[7:0]
VAREF
AV[9:0]
AC[9:0]
AT[9:0]
AG[9:0]
RTCXTLMODE[1:0]
RTCXTLSEL
RTCMATCH
RTCCLK
ATRETURN[4:0]
PRDATA[7:0]
DAVOUT[9:0]
DACOUT[9:0]
DATOUT[9:0]
RTCPSMMATCH
PSEL
PENABLE
PWRITE
INTERRUPT
GNDREF
DDGDON[9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com