Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COREAI-AN Datasheet(PDF) 2 Page - Actel Corporation

Part # COREAI-AN
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-AN Datasheet(HTML) 2 Page - Actel Corporation

  COREAI-AN Datasheet HTML 1Page - Actel Corporation COREAI-AN Datasheet HTML 2Page - Actel Corporation COREAI-AN Datasheet HTML 3Page - Actel Corporation COREAI-AN Datasheet HTML 4Page - Actel Corporation COREAI-AN Datasheet HTML 5Page - Actel Corporation COREAI-AN Datasheet HTML 6Page - Actel Corporation COREAI-AN Datasheet HTML 7Page - Actel Corporation COREAI-AN Datasheet HTML 8Page - Actel Corporation COREAI-AN Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CoreAI
2
v2.0
ACM (Analog Configuration MUX) interface, Analog
Quads, and RTC (Real-Time Counter). The ACM interface,
within the AB macro, is used to control configuration of
the Analog Quads and RTC in the Fusion device. CoreAI
generates the control signals used by the ACM, including
its clock signal, which is generated by an internal clock
divider. The ACM clock divider is used to ensure that the
ACM interface is clocked at a frequency less than or
equal to 10 MHz (refer to "ACM Interface" on page 18
for details). For more details on the silicon features of
the AB macro, such as the Analog Quads, RTC, or ACM,
refer to the Fusion datasheet.
Several aspects of CoreAI can be configured using top-
level parameters (Verilog) or generics (VHDL). For a
detailed description of the parameters/generics, refer to
Table 4 on page 6.
The CoreAI block diagram is shown in Figure 1. A typical
application using CoreAI is shown in Figure 2.
Figure 1 • CoreAI Block Diagram
Figure 2 • CoreAI Typical Application
CoreAI
AB
(Analog Block)
Analog Inputs
Analog Outputs
Analog Inputs
Used as
Digital Inputs
µProcessor I/F
Logic
RTC Inputs
RTC Outputs
APB I/F
Interrupt
ACM I/F
Logic
ADC I/F
Logic
Fusion Device
CorePWM
CoreMP7
Temperature Monitor
Bipolar Transistor
CoreAI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com