| Electronic Components Datasheet Search |
|
COREAI-UR Datasheet(PDF) 1 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
COREAI-UR Datasheet(HTML) 1 Page - Actel Corporation |
|
1 / 25 page ![]() March 2006 v 2 . 0 1 © 2006 Actel Corporation CoreAI Product Summary Intended Use • Analog Interface Control Using a Microprocessor/ Microcontroller and an Actel FusionTM Device • Voltage, Current, and Temperature Monitoring Using a Microprocessor/Microcontroller and an Actel Fusion Device Key Features • ADC Conversions Controlled by MCU/MPU Writes • AMBA APB Slave Interface (8- or 16-Bit Data Widths Supported) • 14 Maskable Interrupt Sources • Internal Clock Divider for Generating Analog Configuration MUX Clock • Optional Read FIFO Stores up to 256 ADC Conversion Results • Analog Configuration MUX Can Be Configured by SmartGen Supported Families • Fusion (including M7 devices) Core Deliverables • Evaluation Version – Compiled RTL Simulation Model Fully Supported in Actel Libero® Integrated Design Environment (IDE) • Netlist Version – Structural Verilog and VHDL Netlists (with and without I/O Pads) Compatible with Actel Designer Software Place-and-Route Tool – Compiled RTL Simulation Model Fully Supported in Actel Libero IDE • RTL Version – Verilog and VHDL Core Source Code – Core Synthesis Scripts • Testbench (Verilog and VHDL) Synthesis and Simulation Support • Directly Supported within Actel Libero IDE and CoreConsole • Synthesis: Synplicity®, Synopsys® (Design Compiler / FPGA Compiler / FPGA Express), Exemplar • Simulation: OVI-Compliant Verilog Simulators and Vital-Compliant VHDL Simulators Core Verification • Comprehensive VHDL and Verilog Testbenches • User Can Easily Modify User Testbench Using Existing Format to Add Custom Tests General Description CoreAI (Analog Interface) allows for simple control of the analog peripherals within the Fusion family of Actel devices. Control may be implemented with an internal or external microprocessor or microcontroller (such as Core8051 or CoreMP7), or with user-created custom logic within the FPGA fabric. The industry-standard AMBA (Advanced Microcontroller Bus Architecture) APB (Advanced Peripheral Bus) slave interface is used as the primary control mechanism within CoreAI. CoreAI instantiates the AB (Analog Block) macro, as shown in Figure 1 on page 2. The AB macro includes the Contents General Description ................................................... 1 Functional Block Descriptions ................................... 3 CoreAI Device Requirements ..................................... 3 CoreAI Verification ..................................................... 3 I/O Signal Descriptions ............................................... 4 Parameter/Generic Descriptions ................................ 6 Internal CoreAI Registers ......................................... 10 ACM Interface .......................................................... 18 RTC Operation .......................................................... 21 ADC Operation ......................................................... 22 Interrupt Logic ......................................................... 23 Ordering Information .............................................. 24 Datasheet Categories ............................................... 24 |
Similar Part No. - COREAI-UR |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |