Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP92AW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFP92AW
Description  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP92AW Datasheet(HTML) 2 Page - Vishay Siliconix

  BFP92AW Datasheet HTML 1Page - Vishay Siliconix BFP92AW Datasheet HTML 2Page - Vishay Siliconix BFP92AW Datasheet HTML 3Page - Vishay Siliconix BFP92AW Datasheet HTML 4Page - Vishay Siliconix BFP92AW Datasheet HTML 5Page - Vishay Siliconix BFP92AW Datasheet HTML 6Page - Vishay Siliconix BFP92AW Datasheet HTML 7Page - Vishay Siliconix BFP92AW Datasheet HTML 8Page - Vishay Siliconix BFP92AW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BFP92A/BFP92AW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (10)
Document Number 85019
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Collector cut-off current
VCE = 20 V, VBE = 0
ICES
100
mA
Collector-base cut-off current
VCB = 15 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 2 V, IC = 0
IEBO
10
mA
Collector-emitter breakdown voltage IC = 1 mA, IB = 0
V(BR)CEO
15
V
Collector-emitter saturation voltage
IC = 30 mA, IB = 3 mA
VCEsat
0.1
0.4
V
DC forward current transfer ratio
VCE = 10 V, IC = 14 mA
hFE
50
100
150
Electrical AC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Transition frequency
VCE = 10 V, IC = 14 mA, f = 500 MHz
fT
6
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.25
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.2
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.7
pF
Noise figure
VCE = 10 V, ZS = 50 W, f = 800 MHz,
IC = 2 mA
F
1.8
dB
Power gain
VCE = 10 V, ZL = ZLopt, IC = 14 mA,
f = 800 MHz
Gpe
18
dB
Linear output voltage – two
tone intermodulation test
VCE = 10 V, IC = 14 mA, dIM = 60 dB,
f1 = 806 MHz, f2 = 810 MHz,
ZS = ZL = 50 W
V1 = V2
120
mV
Third order intercept point
VCE = 10 V, IC = 14 mA, f = 800 MHz
IP3
24
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com