Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX128-CSG100 Datasheet(PDF) 6 Page - Actel Corporation

Part # EX128-CSG100
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CSG100 Datasheet(HTML) 6 Page - Actel Corporation

Back Button EX128-CSG100 Datasheet HTML 2Page - Actel Corporation EX128-CSG100 Datasheet HTML 3Page - Actel Corporation EX128-CSG100 Datasheet HTML 4Page - Actel Corporation EX128-CSG100 Datasheet HTML 5Page - Actel Corporation EX128-CSG100 Datasheet HTML 6Page - Actel Corporation EX128-CSG100 Datasheet HTML 7Page - Actel Corporation EX128-CSG100 Datasheet HTML 8Page - Actel Corporation EX128-CSG100 Datasheet HTML 9Page - Actel Corporation EX128-CSG100 Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
eX Automotive Family FPGAs
1- 2
v3.2
Module Organization
C-cell and R-cell logic modules are arranged into
horizontal banks called Clusters, each of which contains
two C-cells and one R-cell in a C-R-C configuration.
Clusters are further organized into modules called
SuperClusters for improved design efficiency and device
performance, as shown in Figure 1-3 on page 1-3. Each
SuperCluster is a two-wide grouping of Clusters.
Routing Resources
Clusters and SuperClusters can be connected through the
use of two innovative local routing resources called
FastConnect and DirectConnect, which enable extremely
fast and predictable interconnection of modules within
Clusters and SuperClusters (Figure 1-4 on page 1-3). This
routing architecture also dramatically reduces the
number of antifuses required to complete a circuit,
ensuring the highest possible performance.
DirectConnect is a horizontal routing resource that
provides connections from a C-cell to its neighboring R-cell
in a given SuperCluster. DirectConnect uses a hardwired
signal path requiring no programmable interconnection to
achieve its fast signal propagation time of less than 0.1 ns.
FastConnect enables horizontal routing between any
two logic modules within a given SuperCluster and
vertical routing with the SuperCluster immediately
below it. Only one programmable connection is used in a
FastConnect
path,
delivering
maximum
pin-to-pin
propagation of 0.6 ns.
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources, known as segmented routing and high-drive
routing. Actel’s segmented routing structure provides a
variety of track lengths for extremely fast routing
between SuperClusters. The exact combination of track
lengths and antifuses within each path is chosen by the
fully automatic place-and-route software to minimize
signal propagation delays.
Figure 1-2 • C-Cell
D0
D1
D2
D3
DB
A0 B0
A1 B1
Sa
Sb
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com