Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5500EGN Datasheet(PDF) 2 Page - Linear Technology

Part # LT5500EGN
Description  1.8GHz to 2.7GHz Receiver Front End
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5500EGN Datasheet(HTML) 2 Page - Linear Technology

  LT5500EGN Datasheet HTML 1Page - Linear Technology LT5500EGN Datasheet HTML 2Page - Linear Technology LT5500EGN Datasheet HTML 3Page - Linear Technology LT5500EGN Datasheet HTML 4Page - Linear Technology LT5500EGN Datasheet HTML 5Page - Linear Technology LT5500EGN Datasheet HTML 6Page - Linear Technology LT5500EGN Datasheet HTML 7Page - Linear Technology LT5500EGN Datasheet HTML 8Page - Linear Technology LT5500EGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT5500
5500f
PACKAGE/ORDER I FOR ATIO
LT5500EGN
TJMAX = 150°C, θJA = 85°C/W
ORDER PART
NUMBER
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Power Supply Voltage ........................................... 5.5V
LNA RF Input Power ............................................ 5dBm
Mixer RF Input Power ........................................ 10dBm
LO Input Power (Note 2) ................................... 10dBm
All Other Pins ......................................................... 5.5V
Operating Ambient
Temperature Range ............................... – 40°C to 85°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
(Test circuit shown in Figure 3 for 1.8GHz application) VCC = 3V DC,
LNA: fLNA_IN = 1.8GHz, Mixer: fMIX_IN = 1.8GHz, fLO = 1.52GHz, PLO = –10dBm, TA = 25°C, unless otherwise noted. (Notes 3, 4)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
EN
VCC
LNA_IN
GND
LNA_GND
LNA_GND
LNA_GND
LNA_GND
VCC
MIX_GND
GND
IF+
GS
GND
LNA_OUT
VCC
GND
LO–
LO+
V
CC
GND
MIX_IN
GND
IF–
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LNA High Gain: EN = 1.35V, GS = 1.35V
Frequency Range (Note 3)
1.8 to 2.7
GHz
Forward Gain
15.5
18.5
dB
Reverse Gain (Isolation)
–39
dB
Noise Figure
Terminated 50Ω Source
2.5
dB
Input Return Loss
No External Matching
10.5
dB
Output Return Loss
With External Matching
15
dB
Input 1dB Compression
–24
dBm
Input 3rd Order Intercept
Two Tone Test, ∆f = 2MHz
–18
–12
dBm
LNA Low Gain: EN = 1.35V, GS = 0.3V
Frequency Range (Note 4)
1.8 to 2.7
GHz
Forward Gain
–13
–10
dB
Reverse Gain (Isolation)
–34
dB
Noise Figure
16.5
dB
Input 1dB Compression
0
dBm
Input 3rd Order Intercept
Two Tone Test, ∆f = 2MHz
4.5
9
dBm
Mixer: EN = 1.35V, GS = 1.35V
RF Frequency Range (Note 4)
1.8 to 2.7
GHz
Conversion Gain
5.5
8.5
dB
SSB Noise Figure
Terminated 50Ω Source
7.5
dB
Input P1dB
–13
dBm
Input 3rd Order Intercept
Two Tone Test, ∆f = 2MHz
–6
– 2.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com