Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 2 Page - Linear Technology

  LT5503_09 Datasheet HTML 1Page - Linear Technology LT5503_09 Datasheet HTML 2Page - Linear Technology LT5503_09 Datasheet HTML 3Page - Linear Technology LT5503_09 Datasheet HTML 4Page - Linear Technology LT5503_09 Datasheet HTML 5Page - Linear Technology LT5503_09 Datasheet HTML 6Page - Linear Technology LT5503_09 Datasheet HTML 7Page - Linear Technology LT5503_09 Datasheet HTML 8Page - Linear Technology LT5503_09 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT5503
2
5503f
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
BQ–
BQ+
GC1
MODIN
VCCMOD
VCCRF
LO1
VCCLO1
DMODE
MX+
BI–
BI+
GC2
MODOUT
VCCVGA
VCCLO2
LO2
MODEN
MIXEN
MX–
FE PACKAGE
20-LEAD PLASTIC TSSOP
21
Supply Voltage ...................................................... 5.5V
Control Voltages .......................... –0.3V to (VCC + 0.3V)
Baseband Voltages (BI+ to BI– and BQ+ to BQ–) ......
±2V
Baseband Common Mode Voltage .....1V to (VCC – 0.3V)
LO1 Input Power .................................................. 4dBm
LO2 Input Power .................................................. 4dBm
MODIN Input Power ............................................. 4dBm
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD IS GND (PIN 21)
MUST BE SOLDERED TO PCB
ABSOLUTE
AXI U
RATI GS
(Note 1)
ORDER I FOR ATIO
PI CO FIGURATIO
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5503EFE#PBF
LT5503EFE#TRPBF
5503
20-Lead Plastic TSSOP
–40
°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com