Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5520EUF Datasheet(PDF) 2 Page - Linear Technology

Part # LT5520EUF
Description  1.3GHz to 2.3GHz High Linearity Upconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5520EUF Datasheet(HTML) 2 Page - Linear Technology

  LT5520EUF Datasheet HTML 1Page - Linear Technology LT5520EUF Datasheet HTML 2Page - Linear Technology LT5520EUF Datasheet HTML 3Page - Linear Technology LT5520EUF Datasheet HTML 4Page - Linear Technology LT5520EUF Datasheet HTML 5Page - Linear Technology LT5520EUF Datasheet HTML 6Page - Linear Technology LT5520EUF Datasheet HTML 7Page - Linear Technology LT5520EUF Datasheet HTML 8Page - Linear Technology LT5520EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5520
2
5520f
Supply Voltage ....................................................... 5.5V
Enable Voltage ............................. –0.3V to (VCC + 0.3V)
LO Input Power (Differential) .............................. 10dBm
RF+ to RFDifferential DC Voltage......................
±0.13V
RF Output DC Common Mode Voltage ......... –1V to VCC
IF Input Power (Differential) ............................... 10dBm
IF+, IFDC Currents .............................................. 25mA
LO+ to LODifferential DC Voltage ..........................
±1V
LO Input DC Common Mode Voltage ............ –1V to VCC
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Junction Temperature (TJ).................................... 125°C
ORDER PART
NUMBER
UF PART
MARKING
TJMAX = 125°C, θJA = 37°C/W
5520
LT5520EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
16 15 14 13
5
6
7
8
TOP VIEW
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
EXPOSED PAD IS GND (PIN 17),
MUST BE SOLDERED TO PCB
9
10
11
12
4
3
2
1
GND
IF+
IF
GND
GND
RF+
RF
GND
17
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Frequency Range
DC to 400
MHz
LO Input Frequency Range
900 to 2700
MHz
RF Output Frequency Range
1300 to 2300
MHz
1900MHz Application: VCC = 5VDC, EN = High, TA = 25°C, IF input = 140MHz at –10dBm, LO input = 1.76GHz at –5dBm, RF output
measured at 1900MHz, unless otherwise noted. Test circuit shown in Figure 2. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Return Loss
ZO = 50Ω, with External Matching
20
dB
LO Input Return Loss
ZO = 50Ω
16
dB
RF Output Return Loss
ZO = 50Ω
20
dB
LO Input Power
–10 to 0
dBm
Conversion Gain
–1
dB
Input 3rd Order Intercept
–10dBm/Tone,
∆f = 1MHz
15.9
dBm
Input 2nd Order Intercept
–10dBm, Single-Tone
45
dBm
LO to RF Leakage
–41
dBm
LO to IF Leakage
–35
dBm
Input 1dB Compression
4
dBm
IF Common Mode Voltage
Internally Biased
1.77
VDC
Noise Figure
Single Side Band
15
dB
(Test Circuit Shown in Figure 2) VCC = 5VDC, EN = High , TA = 25°C (Note 3), unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Enable (EN) Low = Off, High = On
Turn-On Time (Note 4)
2
µs
Turn-Off Time (Note 4)
6
µs
Input Current
VENABLE = 5VDC
110
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com