Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5522EUF Datasheet(PDF) 2 Page - Linear Technology

Part # LT5522EUF
Description  400MHz to 2.7GHz High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5522EUF Datasheet(HTML) 2 Page - Linear Technology

  LT5522EUF Datasheet HTML 1Page - Linear Technology LT5522EUF Datasheet HTML 2Page - Linear Technology LT5522EUF Datasheet HTML 3Page - Linear Technology LT5522EUF Datasheet HTML 4Page - Linear Technology LT5522EUF Datasheet HTML 5Page - Linear Technology LT5522EUF Datasheet HTML 6Page - Linear Technology LT5522EUF Datasheet HTML 7Page - Linear Technology LT5522EUF Datasheet HTML 8Page - Linear Technology LT5522EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT5522
2
5522fa
Supply Voltage ...................................................... 5.5V
Enable Voltage ............................... –0.3V to VCC + 0.3V
LO Input Power ............................................... +10dBm
LO+ to LODifferential DC Voltage .........................
±1V
LO Input DC Common Mode Voltage ......................
±1V
RF Input Power ................................................ +10dBm
RF+ to RFDifferential DC Voltage ........................
±0.2V
RF Input DC Common Mode Voltage ......................
±1V
Operating Temperature Range ................ –40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Junction Temperature (TJ).................................... 125°C
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Test circuit shown in Figure 2) VCC = 5VDC, EN = high, TA = 25°C,
unless otherwise noted. (Note 3)
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS (Notes 2, 3) (Test circuit shown in Figure 2).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
Shunt Capacitor on Pin 3 (Low Band)
400
MHz
No External Matching (Mid Band)
1200 to 2300
MHz
Shunt Inductor on Pin 3 (High Band)
2700
MHz
LO Input Frequency Range
No External Matching
400
2700
MHz
IF Output Frequency Range
Requires Appropriate IF Matching
0.1 to 1000
MHz
RF Input Return Loss
ZO = 50Ω
15
dB
LO Input Return Loss
ZO = 50Ω
13
dB
IF Output Return Loss
ZO = 50Ω
18
dB
LO Input Power
–10
–5
0
dBm
RF to LO Isolation
50MHz to 2700MHz
>45
dB
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
NC
RF+
RF
NC
GND
IF+
IF
GND
UF PART MARKING
LT5522EUF
5522
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements (VCC)
Supply Voltage
4.5
5
5.25
VDC
Supply Current
VCC = 5V
56
68
mA
Shutdown Current
EN = Low
100
µA
Enable (EN) Low = Off, High = On
Input High Voltage (On)
3
VDC
Input Low Voltage (Off)
0.3
VDC
Enable Pin Input Current
EN = 5VDC
55
75
µA
Turn On Time
3
µs
Turn Off Time
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com