Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX128-CS100A Datasheet(PDF) 21 Page - Actel Corporation

Part # EX128-CS100A
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100A Datasheet(HTML) 21 Page - Actel Corporation

Back Button EX128-CS100A Datasheet HTML 17Page - Actel Corporation EX128-CS100A Datasheet HTML 18Page - Actel Corporation EX128-CS100A Datasheet HTML 19Page - Actel Corporation EX128-CS100A Datasheet HTML 20Page - Actel Corporation EX128-CS100A Datasheet HTML 21Page - Actel Corporation EX128-CS100A Datasheet HTML 22Page - Actel Corporation EX128-CS100A Datasheet HTML 23Page - Actel Corporation EX128-CS100A Datasheet HTML 24Page - Actel Corporation EX128-CS100A Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
eX Family FPGAs
v4.3
1-17
The eX, SX-A and RTSX-S Power Calculator can be used to
estimate the total power dissipation (static and dynamic)
of eX devices and can be found at
http://www.actel.com/products/rescenter/power/
calculators.asp.
Thermal Characteristics
The temperature variable in the Designer software refers
to
the
junction
temperature,
not
the
ambient
temperature. This is an important distinction because the
heat generated from dynamic power consumption is
usually hotter than the ambient temperature. EQ 1-1,
shown below, can be used to calculate junction
temperature.
EQ 1-1
Junction Temperature =
∆T + T
a(1)
Where:
Ta = Ambient Temperature
∆T = Temperature gradient between junction
(silicon) and ambient =
θ
ja * P
P = Power
θ
ja = Junction to ambient of package. θja numbers are
located in the "Package Thermal Characteristics" section
below.
Package Thermal Characteristics
The device junction-to-case thermal characteristic is
θ
jc,
and the junction-to-ambient air characteristic is
θ
ja. The
thermal characteristics for
θ
ja are shown with two
different air flow rates.
θ
jc is provided for reference.
The maximum junction temperature is 150
°C.
The maximum power dissipation allowed for eX devices
is a function of
θ
ja. A sample calculation of the absolute
maximum power dissipation allowed for a TQFP 100-pin
package at commercial temperature and still air is as
follows:
Ceqsm =
Equivalent
capacitance
of
sequential
modules
Ceqi
= Equivalent capacitance of input buffers
Ceqcr = Equivalent capacitance of routed array clocks
Ceqhv = Variable capacitance of dedicated array clock
Ceqhf = Fixed capacitance of dedicated array clock
Ceqo
= Equivalent capacitance of output buffers
CL
=
Average
output
loading
capacitance,
typically 10 pF
fmc
= Average C-cell switching frequency, typically
F/10
fms
= Average R-cell switching frequency, typically
F/10
fn
= Average input buffer switching frequency,
typically F/5
fp
= Average output buffer switching frequency,
typically F/5
fq1
= Frequency of routed clock A
fq2
= Frequency of routed clock B
fs1
= Frequency of dedicated array clock
Package Type
Pin Count
θ
jc
θ
ja
Units
Still Air
1.0 m/s
200 ft/min
2.5 m/s
500 ft/min
Thin Quad Flat Pack (TQFP)
64
12.0
42.4
36.3
34.0
°C/W
Thin Quad Flat Pack (TQFP)
100
14.0
33.5
27.4
25.0
°C/W
Chip Scale Package (CSP)
49
72.2
59.5
54.1
°C/W
Chip Scale Package (CSP)
128
54.1
44.6
40.6
°C/W
Chip Scale Package (CSP)
180
57.8
47.6
43.3
°C/W
Maximum Power Allowed
Max. junction temp. (
°C) Max. ambient temp. (°C)
–
θ
ja(°C/W)
---------------------------------------------------------------------------------------------------------------------------------
150
°C70°C
–
33.5
°C/W
-----------------------------------
2.39W
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com