Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5554 Datasheet(PDF) 21 Page - Linear Technology

Part # LT5554
Description  Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5554 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT5554 Datasheet HTML 17Page - Linear Technology LT5554 Datasheet HTML 18Page - Linear Technology LT5554 Datasheet HTML 19Page - Linear Technology LT5554 Datasheet HTML 20Page - Linear Technology LT5554 Datasheet HTML 21Page - Linear Technology LT5554 Datasheet HTML 22Page - Linear Technology LT5554 Datasheet HTML 23Page - Linear Technology LT5554 Datasheet HTML 24Page - Linear Technology LT5554 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT5554
21
5554f
Gain Step Accuracy
LT5554 internal input signal coupling to the transcon-
ductance amplifier inputs across the 4dB step attenuator
increases with frequency. The gain step error is higher
when the LT5554 gain update changes the input attenua-
tor tap (PG5, PG6 transitions) and this error is frequency
dependent.
Gain error is ‘compressive’, effectively reducing LT5554
gain range. Therefore, it is possible to skip one gain
APPLICATIONS INFORMATION
code whenever PG5, PG6 transitions are involved in or-
der to preserve high-frequency monotonic behavior for
0.125dB steps.
Linearity and Noise Performance Throughout the
Gain Range
The LT5554’s Noise and Linearity performance across
the 16dB gain range at 100MHz with ROUT = 100 and
RSADC = 50Ω is shown in Figures 10 through 13.
ATTENUATION (dB)
0
12
6
9
3
0
24
18
12
6
0
–4
–8
–12
5554 F10
–16
RTI
NF
VONOISE
Figure 10. Noise, 140MHz, ROUT = 50Ω
ATTENUATION (dB)
0
–4
–8
–12
5554 F12
–16
IMD3
–70
–74
–78
–82
–86
48
46
44
42
40
OIP3
Figure 12. Linearity, 70MHz, ROUT = 50Ω, 4dBm/Tone
ATTENUATION (dB)
0
–4
–8
–12
5554 F11
–16
44
34
39
29
24
136
132
128
124
120
SFDR
IIP3
Figure 11. Noise, 140MHz, ROUT = 50Ω
ATTENUATION (dB)
0
–4
–8
–12
5554 F12
–16
IMD3
–70
–74
–78
–82
–86
48
46
44
42
40
OIP3
Figure 13. Linearity, 140MHz, ROUT = 50Ω, 4dBm/Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com