Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5571 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5571
Description  620MHz - 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5571 Datasheet HTML 8Page - Linear Technology LT5571 Datasheet HTML 9Page - Linear Technology LT5571 Datasheet HTML 10Page - Linear Technology LT5571 Datasheet HTML 11Page - Linear Technology LT5571 Datasheet HTML 12Page - Linear Technology LT5571 Datasheet HTML 13Page - Linear Technology LT5571 Datasheet HTML 14Page - Linear Technology LT5571 Datasheet HTML 15Page - Linear Technology LT5571 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5571
13
5571f
RF OUTPUT POWER PER CARRIER (dBm)
–30
–70
–60
–10
5571 F11
–80
–90
–25
–20
–15
0
–5
–40
–50
–140
–130
–150
–160
–110
–120
DOWNLINK TEST
MODEL 64 DPCH
3-CH ACPR
1-CH
ACPR
3-CH AltCPR
1-CH AltCPR
3-CH NOISE
1-CH NOISE
I AND Q BASEBAND VOLTAGE (VP-P,DIFF)
0
–90
–80
–70
–50
–30
20
10
IR
15
4
3
2
5571 F14
–10
–60
–40
0
–20
fBBI = 2MHz, 0°
VCC = 5V, fBBQ = 2MHz, 90°
EN = HIGH, fRF = fBB + fLO
fLO = 900MHz, PLO = 0dBm
25
°C
85
°C
–40
°C
LO FT
PRF
APPLICATIONS INFORMATION
Application Measurements
The LT5571 is recommended for base-station applications
using various modulation formats. Figure 10 shows a
typical application.
Figure 11 shows the ACPR performance for CDMA2000
using one and three channel modulation. Figures 12 and 13
illustrate the 1- and 3-channel CDMA2000 measurement.
To calculate ACPR, a correction is made for the spectrum
analyzer’s noise floor (Application Note 99).
If the output power is high, the ACPR will be limited by the
linearity performance of the part. If the output power is
low, the ACPR will be limited by the noise performance of
the part. In the middle, an optimum ACPR is obtained.
Because of the LT5571’s very high dynamic-range, the test
equipment can limit the accuracy of the ACPR measure-
ment. Consult Design Note 375 or the factory for advice
on ACPR measurement if needed.
VCO/SYNTHESIZER
EN
2, 4, 6, 9, 10, 12, 15, 17
I-CH
Q-CH
BALUN
VCC
V-I
BASEBAND
GENERATOR
V-I
LT5571
5V
14
16
1
7
5
8, 13
5571 F10
11
PA
RF = 620MHz
TO 1100MvHz
3
I-DAC
Q-DAC
90
°
0
°
100nF
×2
Figure 10. 620MHz to 1.1GHz Direct Conversion Transmitter Application
Figure 11. CDMA2000 ACPR, ALTCPR and Noise vs
RF Output Power at 900MHz for 1 and 3 Carriers
Figure 12. 1-Channel CDMA2000 Spectrum
Figure 13. 3-Channel CDMA2000 Spectrum
896.25
899.25
902.25
903.75
5571 F12
897.75
900.75
CORRECTED
SPECTRUM
DOWNLINK TEST
MODEL 64 DPCH
SPECTRUM ANALYSER NOISE FLOOR
RF FREQUENCY (MHz)
–130
–120
–110
–90
–80
–70
–30
–100
–60
–50
–40
UNCORRECTED
SPECTRUM
RF FREQUENCY (MHz)
894
–130
–120
–110
–90
–80
–70
902
–30
5571 F13
–100
898
896
904
900
906
–60
–50
–40
UN-
CORRECTED
SPECTRUM
DOWNLINK
TEST MODEL
64 DPCH
CORRECTED SPECTRUM
SPECTRUM
ANALYSER
NOISE
FLOOR
The ACPR performance is sensitive to the amplitude
mismatch of the BBIP and BBIM (or BBQP and BBQM)
input voltage. This is because a difference in AC voltage
amplitude will give rise to a difference in amplitude between
the even-order harmonic products generated in the internal
V-I converter. As a result, they will not cancel out entirely.
Therefore, it is important to keep the amplitudes at the BBIP
and BBIM (or BBQP and BBQM) as equal as possible.
LO feedthrough and image rejection performance may
be improved by means of a calibration procedure. LO
feedthrough is minimized by adjusting the differential DC
offsets at the I and the Q baseband inputs. Image rejection
can be improved by adjusting the amplitude and phase
difference between the I and the Q baseband inputs. The
LO feedthrough and Image Rejection can also change
as a function of the baseband drive level, as depicted in
Figure 14.
Figure 14. Image Rejection and LO Feed-
Through vs Baseband Drive Voltage After
Calibration at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com