Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5572 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5572
Description  1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5572 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5572 Datasheet HTML 8Page - Linear Technology LT5572 Datasheet HTML 9Page - Linear Technology LT5572 Datasheet HTML 10Page - Linear Technology LT5572 Datasheet HTML 11Page - Linear Technology LT5572 Datasheet HTML 12Page - Linear Technology LT5572 Datasheet HTML 13Page - Linear Technology LT5572 Datasheet HTML 14Page - Linear Technology LT5572 Datasheet HTML 15Page - Linear Technology LT5572 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5572
13
5572f
APPLICATIO S I FOR ATIO
Application Measurements
The LT5572 is recommended for basestation applications
using various modulation formats. Figure 10 shows a typical
application. Figure 11 shows the ACPR performance for
W-CDMA using 1-, 2- or 4-channel modulation. Figures
12, 13 and 14 illustrate the 1-, 2- and 4-channel W-CDMA
VCO/SYNTHESIZER
EN
2, 4, 6, 9, 10, 12, 15, 17
I-CH
Q-CH
BALUN
VCC
V-I
BASEBAND
GENERATOR
V-I
LT5572
5V
14
16
1
7
5
8, 13
5572 TA01a
11
PA
RF = 1.5GHz
TO 2.5GHz
3
I-DAC
Q-DAC
90
°
0
°
100nF
×2
Figure 10. 1.5GHz to 2.4GHz Direct Conversion Transmitter Application
Figure 11. W-CDMA ACPR, ALTCPR and Noise vs RF
Output Power at 2140MHz for 1, 2 and 4 Channels
Figure 12. 1-Channel W-CDMA Spectrum
Figure 13. 2-Channel W-CDMA Spectrum
Figure 14. 4-Channel W-CDMA Spectrum
RF OUTPUT POWER PER CARRIER (dBm)
–30
–70
–60
–10
5572 TA01b
–80
–90
–25
–20
–15
–5
–50
–145
–135
–155
–165
–125
DOWNLINK TEST
MODEL 64 DPCH
4-CH ACPR
2-CH ACPR
1-CH
ACPR
4-CH AltCPR
2-CH AltCPR
1-CH AltCPR
2-CH NOISE
4-CH NOISE
1-CH NOISE
RF FREQUENCY (GHz)
2.1275
–120
–110
–90
–80
–70
2.1375
2.1475
2.1525
–30
5572 F12
–100
2.1325
2.1425
–60
–50
–40
CORRECTED
SPECTRUM
DOWNLINK TEST
MODEL 64 DPCH
UNCORRECTED
SPECTRUM
SPECTRUM
ANALYSER
NOISE FLOOR
RF FREQUENCY (GHz)
2.125
–120
–110
–90
–80
–70
2.145
–30
5572 F13
–100
2.135
2.13
2.15
2.14
2.155
–60
–50
–40
CORRECTED
SPECTRUM
DOWNLINK
TEST MODEL
64 DPCH
UNCORRECTED SPECTRUM
SPECTRUM
ANALYSER
NOISE
FLOOR
RF FREQUENCY (GHz)
2.115
–120
–110
–90
–80
–70
2.135
2.155
2.165
–30
5572 F14
–100
2.125
2.145
–60
–50
–40
CORRECTED
SPECTRUM
DOWNLINK TEST
MODEL 64
DPCH
UNCORRECTED SPECTRUM
SPECTRUM
ANALYSER
NOISE
FLOOR
measurement. To calculate ACPR, a correction is made for
the spectrum analyzer noise floor (Application Note 99).
If the output power is high, the ACPR will be limited by the
linearity performance of the part. If the output power is
low, the ACPR will be limited by the noise performance of
the part. In the middle, an optimum ACPR is obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com