Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1262 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1262
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1262 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1262 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1262 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1262 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SA1262 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1262
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-25mA ,IB=0
-60
V
VCEsat
Collector-emitter saturation voltage
IC=-2A; IB=-0.2A
-0.6
V
ICBO
Collector cut-off current
VCB=-60V; IE=0
-100
μA
IEBO
Emitter cut-off current
VEB=-6V; IC=0
-100
μA
hFE
DC current gain
IC=-1A ; VCE=-4V
40
fT
Transition frequency
IE=0.2A ; VCE=-12V
15
MHz
Cob
Output capacitance
IE=0 ; VCB=-10V ;f=1MHz
90
pF
Switching times
ton
Turn-on time
0.25
μs
ts
Storage time
0.75
μs
tf
Fall time
IC=-2A ;IB1=- IB2=-0.2A
RL=10Ω;VCC=-20V
0.25
μs
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com