Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6553IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT6553IGN
Description  650MHz Gain of 2 Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6553IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6553IGN Datasheet HTML 4Page - Linear Technology LT6553IGN Datasheet HTML 5Page - Linear Technology LT6553IGN Datasheet HTML 6Page - Linear Technology LT6553IGN Datasheet HTML 7Page - Linear Technology LT6553IGN Datasheet HTML 8Page - Linear Technology LT6553IGN Datasheet HTML 9Page - Linear Technology LT6553IGN Datasheet HTML 10Page - Linear Technology LT6553IGN Datasheet HTML 11Page - Linear Technology LT6553IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT6553
12
6553f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0304 1K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LT1259/LT1260
Dual/Triple 130MHz Current Feedback Amplifiers
Shutdown, Operates to
±15V
LT1395/LT1396/LT1397
Single/Dual/Quad 400MHz Current Feedback Amplifiers
800V/
µs Slew Rate
LT1398/LT1399
Dual/Triple 300MHz Current Feedback Amplifiers
0.1dB Gain Flatness to 150MHz, Shutdown
LT1675/LT1675-1
250MHz, Triple and Single RGB Multiplexer with
100MHz Pixel Switching, –3dB Bandwidth: 250MHz,
Current Feedback Amplifiers
1100V/
µs Slew Rate
LT1809/LT1810
Single/Dual, 180MHz, Rail-to-Rail Input and
350V/
µs Slew Rate, Shutdown,
Output Amplifiers
Low Distortion –90dBc at 5MHz
LT6550/LT6551
3.3V Triple and Quad Video Buffers
110MHz Gain of 2 Buffers in MS Package
Figure 3. RGB Video Selector/Cable Driver
NOTE:
POWER SUPPLY BYPASS
CAPACITORS NOT SHOWN FOR CLARITY
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LT6553
R0
SEL
G0
B0
75
Ω
16
3.3V
–3.3V
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LT6553
NC7SZ14
R1
G1
B1
R
G
B
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
6553 F03
75
Ω
75
Ω
75
Ω
×2
×2
×2
×2
×2
×2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com