Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6556IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT6556IGN
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6556IGN Datasheet HTML 4Page - Linear Technology LT6556IGN Datasheet HTML 5Page - Linear Technology LT6556IGN Datasheet HTML 6Page - Linear Technology LT6556IGN Datasheet HTML 7Page - Linear Technology LT6556IGN Datasheet HTML 8Page - Linear Technology LT6556IGN Datasheet HTML 9Page - Linear Technology LT6556IGN Datasheet HTML 10Page - Linear Technology LT6556IGN Datasheet HTML 11Page - Linear Technology LT6556IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6556
8
6556f
APPLICATIO S I FOR ATIO
Power Supplies
The LT6556 is optimized for ±5V supplies but can be op-
erated on as little as ±2.25V or a single 4.5V supply and
as much as ±6V or a single 12V supply. Internally, each
supply is independent to improve channel isolation. Do
not leave any supply pins disconnected or the part may
not function correctly!
Enable/Shutdown
The LT6556 has a shutdown mode controlled by the
⎯E⎯N
pin and referenced to the DGND pin. If the amplifier will be
enabled at all times, the
⎯E⎯N pin can be connected directly
to DGND. If the enable function is desired, either driving
the pin above 2V or allowing the internal 46k pull-up
resistor to pull the
⎯E⎯N pin to the top rail will disable the
amplifier. When disabled, the output will become very
high impedance. Supply current into the amplifier in the
disabled state will be:
I
VV
k
VV
k
S
EN
=+
+
+
–
– –
46
80
It is important that the following constraints on the DGND,
⎯E⎯N and SEL pins are always followed:
V+ – VDGND ≥ 4.5V
-0.5V ≤ V⎯E⎯N – VDGND ≤ 5.5V
VSEL – VDGND ≤ 8V
In dual supply cases where V+ is less than 4.5V, DGND
should be connected to a potential below ground, such as
V–. Since the
⎯E⎯N and SEL pins are referenced to DGND, they
may need to be pulled below ground in those cases. However,
in order to protect the internal enable circuitry, the
⎯E⎯N pin
should not be forced more than 0.5V below DGND.
In single supply applications above 5.5V, an additional
resistor may be needed from the
⎯E⎯N pin to DGND if the
pin is ever allowed to float. For example, on a 12V single
supply, a 33k resistor would protect the pin from floating
too high while still allowing the internal pull-up resistor
to disable the part.
On dual ±2.25V supplies, connecting the DGND pin to V– is
the only way of ensuring that V+ – VDGND ≥ 4.5V.
The enable/disable times of the LT6556 are fast when
driven with a logic input. Turn on (from 50%
⎯E⎯N input to
50% output) typically occurs in less than 50ns. Turn off
is slower, but is typically below 500ns.
Channel Select
The SEL pin uses the same internal threshold as the
⎯E⎯N
pin and is also referenced to DGND. When the pin is logic
low, the channel A inputs are passed to the output. When
the pin is logic high, the channel B inputs are passed to
the output. The pin should not be floated but can be tied
to DGND to force the outputs to always be channel A or
to V+ (when less than 8V) to force the outputs to always
be channel B.
Truth Table
SEL
⎯A/B
⎯E⎯N
OUT
0
0
IN A
1
0
IN B
X
1
OFF
Input Considerations
The LT6556 uses input clamps referenced to the VREF pin
to prevent damage to the input stage on the unselected
channel. Three transistors in series limit the input voltage to
within three diode drops (±) from VREF. VREF is nominally
set to half of the sum of the supplies by the 40k resistors.
A simplified schematic is shown in Figure 1.
VREF
40k
40k
6556 F01
V+
V–
IN
Figure 1. Simplified Schematic of VREF Pin and Input Clamping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com