Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6557 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6557
Description  500MHz, 2200V/關s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6557 Datasheet(HTML) 2 Page - Linear Technology

  LT6557 Datasheet HTML 1Page - Linear Technology LT6557 Datasheet HTML 2Page - Linear Technology LT6557 Datasheet HTML 3Page - Linear Technology LT6557 Datasheet HTML 4Page - Linear Technology LT6557 Datasheet HTML 5Page - Linear Technology LT6557 Datasheet HTML 6Page - Linear Technology LT6557 Datasheet HTML 7Page - Linear Technology LT6557 Datasheet HTML 8Page - Linear Technology LT6557 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6557
2
6557fa
ELECTRICAL CHARACTERISTICS
Total Supply Voltage (VS
+ to GND)...........................7.5V
Input Current........................................................±10mA
Output Current (Note 2) .......................................±70mA
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3) ... –40°C to 85°C
Specified Temperature Range (Note 4) .... –40°C to 85°C
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, RL = 150Ω to VS/2, VEN = 0.4V, RBCV = open, unless
otherwise noted.
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
EN
GND
IN R
GND R
IN G
GND G
IN B
GND B
BCV
V+
OUT R
V+ R
OUT G
V+ G
OUT B
V+ B
G = +2
G = +2
G = +2
TJMAX = 150°C, θJA = 110°C/W
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
BCV
V+
OUT R
V+ R
OUT G
V+ G
OUT B
V+ B
EN
GND
IN R
GND R
IN G
GND G
IN B
GND B
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
G = +2
G = +2
G = +2
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
GN PART MARKING
ORDER PART NUMBER
DHC PART MARKING*
LT6557CGN
LT6557IGN
6557
6557I
LT6557CDHC
LT6557IDHC
6557
6557
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Junction Temperature
SSOP ................................................................ 150°C
DFN................................................................... 125°C
Storage Temperature Range
SSOP ................................................. –65°C to 150°C
DFN.................................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VIN = 1.25V
●
12
15
40
50
mV
mV
IIN
Input Current
VIN = 1.25V
●
35
45
70
100
µA
µA
RIN
Input Resistance
VIN = 0.75V to 1.75V, BCV (Pin 6) Open
●
90
50
200
150
kΩ
kΩ
CIN
Input Capacitance
f = 1MHz
1.5
pF
ABSOLUTE MAXIMUM RATINGS (Note 1)
PACKAGE/ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com