Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6557IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT6557IGN
Description  500MHz, 2200V/關s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6557IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6557IGN Datasheet HTML 4Page - Linear Technology LT6557IGN Datasheet HTML 5Page - Linear Technology LT6557IGN Datasheet HTML 6Page - Linear Technology LT6557IGN Datasheet HTML 7Page - Linear Technology LT6557IGN Datasheet HTML 8Page - Linear Technology LT6557IGN Datasheet HTML 9Page - Linear Technology LT6557IGN Datasheet HTML 10Page - Linear Technology LT6557IGN Datasheet HTML 11Page - Linear Technology LT6557IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT6557
8
6557fa
V+ B (Pin 9): Positive Supply Voltage of Blue Channel
Amplifier. This pin is not internally connected to other
supply voltage pins and must be externally connected to
the supply voltage bus with proper bypassing for best
performance, see Power Supply Considerations.
OUT B (Pin 10): Blue Channel Output.
V+ G (Pin 11): Positive Supply Voltage of Green Channel
Amplifier. This pin is not internally connected to other
supply voltage pins and must be externally connected to
the supply voltage bus with proper bypassing for best
performance, see Power Supply Considerations.
OUT G (Pin 12): Green Channel Output.
V+ R (Pin 13): Positive Supply Voltage of Red Channel
Amplifier. This pin is not internally connected to other
supply voltage pins and must be externally connected to
Power Supply Considerations
The LT6557 is optimized to provide full video signal swing
output when operated from a standard 5V single supply.
Due to the supply current involved in ultrahigh slew rate
amplifiers like the LT6557, selection of the lowest workable
supply voltage is recommended to minimize heat genera-
tion and simplify thermal management. Temperature rise
at the internal devices (TJ) must be kept below 150°C
(SSOP package) or 125°C (DFN package), and can be
estimated from the ambient temperature (TA) and power
dissipation (PD) as follows:
TJ = TA + PD • 40°C/W for DFN package
or
TJ = TA + PD • 110°C/W for SSOP package
where PD = (IS + 0.5 • IO) • VS(TOTAL)
The latter equation assumes (conservatively) that the output
swing is small relative to the supply and RMS load current
(IO) is bidirectional (as with AC coupling).
the supply voltage bus with proper bypassing for best
performance, see Power Supply Considerations.
OUT R (Pin 14): Red Channel Output.
V+ (Pin 15): Positive Supply Voltage of Control Circuitry.
This pin is not internally connected to other supply voltage
pins and must be externally connected to supply voltage
bus with proper bypassing for best performance, see
Power Supply Considerations.
BCV (Pin 16): Bias Control Voltage. A resistor connected
between Pin 16 and Pin 2 (GND) will generate a DC voltage
bias at the inputs of the three amplifiers for AC coupling
application, see Programmable Input Bias.
Exposed Pad (Pin 17, DFN Package): Ground. This pad
must be soldered to PCB and is internally connected to
GND (Pin 2).
The grounds are separately pinned for each amplifier to
minimize crosstalk.
Operation from split supplies can be accomplished by
connecting the LT6557 ground pins to the negative rail.
Since the amplifier gain is referenced to its ground pins,
the actual signals are referenced to the negative rail, in
this case, and DC coupled applications need to take this
into consideration. With dual supplies, recommended
voltages range from nominal ±2.5V to ±3.3V.
The ultrahigh frequency (UHF) operating range of the
LT6557 requires that careful printed circuit layout prac-
tices be followed to obtain maximum performance. Trace
lengths between power pins and bypass capacitors should
be minimized (<0.1 inch) and one or more dedicated
ground planes should be employed to minimize parasitic
inductance. Poor layout or breadboarding methods can
seriously impact amplifier stability, frequency response
and crosstalk performance. A 2.2µF and a 10µF bypass
capacitor is recommended for the LT6557supply bus, plus
a 10nF high frequency bypass capacitor at each individual
power pin.
PIN FUNCTIONS
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com