Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6559CUD Datasheet(PDF) 2 Page - Linear Technology

Part # LT6559CUD
Description  Low Cost 5V/짹5V 300MHz Triple Video Amplifi er in 3mm3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6559CUD Datasheet(HTML) 2 Page - Linear Technology

  LT6559CUD Datasheet HTML 1Page - Linear Technology LT6559CUD Datasheet HTML 2Page - Linear Technology LT6559CUD Datasheet HTML 3Page - Linear Technology LT6559CUD Datasheet HTML 4Page - Linear Technology LT6559CUD Datasheet HTML 5Page - Linear Technology LT6559CUD Datasheet HTML 6Page - Linear Technology LT6559CUD Datasheet HTML 7Page - Linear Technology LT6559CUD Datasheet HTML 8Page - Linear Technology LT6559CUD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6559
2
6559f
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) ..............................12.6V
Input Current (Note 2)......................................... ±10mA
Output Current .................................................. ±100mA
Differential Input Voltage (Note 2) ............................±5V
Output Short-Circuit Duration (Note 3) ........ Continuous
Operating Temperature Range (Note 9)
–40°C to 85°C
Specified Temperature Range (Note 4) .. –40°C to 85°C
Storage Temperature Range.................. –65°C to 125°C
Junction Temperature (Note 5) ............................ 125°C
(Note 1)
16
17
15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
*GND
–IN G
+IN G
*GND
V+
EN G
OUT G
V
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO THE PCB
ORDER PART NUMBER
UD PART MARKING
LT6559CUD
LCHG
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
* Ground pins are not internally connected. For best channel isolation,
connect to ground.
The denotes specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. For each amplifier: VCM = 2.5V, VS = 5V, ⎯E⎯N = 0V, pulse tested, unless
otherwise noted. (Note 4)
5V ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1.5
10
12
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift
15
µV/°C
IIN+
Noninverting Input Current
10
25
30
µA
µA
IIN
Inverting Input Current
10
60
70
µA
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
4.5
nV/√
⎯H⎯z
+in
Noninverting Input Noise Current
Density
f = 1kHz
6
pA/√
⎯H⎯z
–in
Inverting Input Noise Current Density
f = 1kHz
25
pA/√
⎯H⎯z
RIN
Input Resistance
VIN = ±1V
0.14
CIN
Input Capacitance
Amplifier Enabled
Amplifier Disabled
2.0
2.5
pF
pF
COUT
Output Capacitance
Amplifier Disabled
8.5
pF
VINH
Input Voltage Range, High
3.5
4.0
V
VINL
Input Voltage Range, Low
1.0
1.5
V
VOUTH
Maximum Output Voltage Swing, High
RL = 100k
4.1
4.15
V
VOUTL
Maximum Output Voltage Swing, Low
RL = 100k
0.85
0.9
V
VOUTH
Maximum Output Voltage Swing, High
RL = 150Ω
RL = 150Ω
3.85
3.65
3.95
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com