Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1040MJ Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1040MJ
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040MJ Datasheet(HTML) 2 Page - Linear Technology

  LTC1040MJ Datasheet HTML 1Page - Linear Technology LTC1040MJ Datasheet HTML 2Page - Linear Technology LTC1040MJ Datasheet HTML 3Page - Linear Technology LTC1040MJ Datasheet HTML 4Page - Linear Technology LTC1040MJ Datasheet HTML 5Page - Linear Technology LTC1040MJ Datasheet HTML 6Page - Linear Technology LTC1040MJ Datasheet HTML 7Page - Linear Technology LTC1040MJ Datasheet HTML 8Page - Linear Technology LTC1040MJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1040
1040fa
ORDER PART
NUMBER
LTC1040CN
LTC1040CSW
LTC1040MJ
LTC1040CJ
N PACKAGE
18-LEAD PDIP
TOP VIEW
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
STROBE
ON/OFF
A + B
AOUT
A1+
A1
A2+
A2
GND
V+
VP-P
OSC
BOUT
B1+
B1
B2+
B2
V
J PACKAGE
18-LEAD CERDIP
TJMAX = 150°C, θJA = 80°C/W
SW PACKAGE
18-LEAD PLASTIC SO WIDE
TJMAX = 110°C, θJA = 120°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (SW)
Total Supply Voltage (V+ to V ) ............................... 18V
lnput Voltage ........................ (V+ + 0.3V) to (V – 0.3V)
Operating Temperature Range
LTC1040C ..................................... – 40
°C ≤ TA ≤ 85°C
LTC1040M (OBSOLETE) .................... – 55
°C to 125°C
Storage Temperature Range ................. – 55
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Output Short-Circuit Duration ....................... Continuous
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions: V+ = 5V, V= – 5V, unless otherwise noted.
LTC1040M/LTC1040C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Offset Voltage (Note 2)
Split Supplies
±2.8V to ±6V
q
±0.3
± 0.75
mV
Single Supply (V= GND) 2.8V to 6V
Split Supplies
±6V to ±8V
q
±1
±4.5
mV
Single Supply (V= GND) 6V to 15V
Tracking Error Between
Split Supplies
±2.8V to ±8V
q
0.05
0.1
%
Input Pairs (Notes 2 and 3)
Single Supplies (V= GND) 2.8 to 16V
IBIAS
Input Bias Current
OSC = GND
±0.3
nA
RIN
Average Input Resistance
fS = 1kHz (Note 4)
q
20
30
M
CMR
Common Mode Range
q
V
V+
V
PSR
Power Supply Range
Split Supplies
q
±2.8
±8
V
Single Supplies (V= GND)
q
2.8
16
V
IS(ON)
Power Supply ON Current (Note 5)
V+ = 5V, VP-P On
q
1.2
3
mA
IS(OFF)
Power Supply OFF Current (Note 5)
V+ = 5V, VP-P Off
LTC1040C
q
0.001
0.5
µA
LTC1040M
q
0.001
5
µA
tD
Response Time (Note 6)
60
80
100
µs
A, B, A + B and
ON/OFF Outputs (Note 7)
VOH
Logic “1” Output Voltage
V+ = 4.75V, lOUT = – 360µA
q
2.4
4.4
V
VOL
Logic “0” Output Voltage
V+ = 4.75V, lOUT = 1.6mA
q
0.25
0.4
V
OBSOLETE PACKAGE
Consider the N18 Package as an Alternate Source
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com