Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1049 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1049
Description  Low Power Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1049 Datasheet(HTML) 2 Page - Linear Technology

  LTC1049 Datasheet HTML 1Page - Linear Technology LTC1049 Datasheet HTML 2Page - Linear Technology LTC1049 Datasheet HTML 3Page - Linear Technology LTC1049 Datasheet HTML 4Page - Linear Technology LTC1049 Datasheet HTML 5Page - Linear Technology LTC1049 Datasheet HTML 6Page - Linear Technology LTC1049 Datasheet HTML 7Page - Linear Technology LTC1049 Datasheet HTML 8Page - Linear Technology LTC1049 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1049
2
1049fb
Total Supply Voltage (V+ to V–) ............................... 18V
Input Voltage (Note 2) .......... (V+ + 0.3V) to (V– – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
The
● denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. VS = ±5V, unless noted.
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
(Note 3)
±2
±10
µV
Average Input Offset Drift
(Note 3)
●
±0.02
±0.1
µV/°C
Long Term Offset Voltage Drift
50
nV
√mo
Input Offset Current
±30
±100
p A
●
±150
p A
Input Bias Current
±15
±50
p A
●
±150
p A
Input Noise Voltage
0.1Hz to 10Hz
3
µV
P-P
0.1Hz to 1Hz
1
µV
P-P
Input Noise Current
f = 10Hz (Note 4)
2
fA
√Hz
Common Mode Rejection Ratio
VCM = V– to 2.7V
●
110
130
d B
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
●
110
130
d B
Large-Signal Voltage Gain
RL = 100kΩ, VOUT = ±4.75V
●
130
160
d B
Maximum Output Voltage Swing
RL = 10kΩ
– 4.9/4.2
V
●
– 4.6/3.2
V
RL = 100kΩ
●
±4.9
±4.97
V
Slew Rate
RL = 10kΩ, CL = 50pF
0.8
V/
µs
Gain Bandwidth Product
0.8
MHz
Supply Current
No Load
200
330
µA
●
495
µA
Internal Sampling Frequency
700
H z
LTC1049CS8
S8 PART MARKING
1049
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 110°C, θJA = 200°C/W
1
2
3
4
8
7
6
5
TOP VIEW
NC
–IN
+IN
V–
NC
V+
OUT
NC
N8 PACKAGE 8-LEAD PDIP
1
2
3
4
8
7
6
5
TOP VIEW
NC
V+
OUT
NC
NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 130°C/W
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
LTC1049CN8
LTC1049CJ8
OBSOLETE PACKAGE
Consider the N8 Package as an Alternate Source
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com