Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7652CH Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7652CH
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7652CH Datasheet(HTML) 2 Page - Linear Technology

  LTC7652CH Datasheet HTML 1Page - Linear Technology LTC7652CH Datasheet HTML 2Page - Linear Technology LTC7652CH Datasheet HTML 3Page - Linear Technology LTC7652CH Datasheet HTML 4Page - Linear Technology LTC7652CH Datasheet HTML 5Page - Linear Technology LTC7652CH Datasheet HTML 6Page - Linear Technology LTC7652CH Datasheet HTML 7Page - Linear Technology LTC7652CH Datasheet HTML 8Page - Linear Technology LTC7652CH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC1052/LTC7652
2
1052fa
Total Supply Voltage (V+ to V–) ............................... 18V
Input Voltage ........................ (V+ + 0.3V) to (V– – 0.3V)
Output Short Circuit Duration .......................... Indefinite
Storage Temperature Range .................. –55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Notes 1 and 2)
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
Operating Temperature Range
LTC1052C/LTC7652C .......................... –40°C to 85°C
LTC1052M (OBSOLETE).....................–55°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300°C
LTC1052CN8
REPLACES
ICL7650CPA
LTC1052CJ8
LTC1052MJ8
ICL7650IJA
ORDER PART NUMBER
ORDER PART NUMBER
LTC7652CH
LTC1052CH
LTC1052MH
REPLACES
ICL7652CTV
ICL7652ITV
ICL7650CTV-1
ICL7650ITV-1
ICL7650CTV
ICL7650ITV
ICL7650MTV
1
N8 PACKAGE
8-LEAD PDIP
TJMAX = 110°C, θJA = 150°C/W
8
CEXTA
+N
2
7
–
IN
3
6
CEXTB
V+
OUTPUT
4
5
V–
OUTPUT
CLAMP
+
–
TOP VIEW
+
–
7
6
3
4
2
5
8
1
TOP VIEW
CEXTB
CEXTA
–IN
+IN
OUTPUT
METAL CAN H PACKAGE
V+/CASE
V–
LTC1052 OUTPUT CLAMP
LTC7652 CRETURN
J8 PACKAGE, 8-LEAD CERDIP
LTC1052CSW
REPLACES
LTC1052CS
ORDER PART NUMBER
ORDER PART NUMBER
LTC1052CN
LTC1052CJ
LTC1052MJ
REPLACES
ICL7652CPD
ICL7650CPD
ICL7652IJD
ICL7650IJD
ICL7650MJD
TJMAX = 110°C, θJA = 150°C/W
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
J PACKAGE, 14-LEAD CERDIP
TOP VIEW
1
N PACKAGE, 14-LEAD CERDIP
TJMAX = 110°C, θJA = 130°C/W
14
2
13
3
12
4
11
5
10
6
9
7
8
+
–
CEXTB
NC (GUARD)
CEXTA
INT/EXT
CLK IN
CLK OUT
–IN
V+
+IN
OUTPUT
NC (GUARD)
OUTPUT CLAMP
V–
CRETURN
CEXTB
NC (GUARD)
CEXTA
INT/EXT
CLK IN
CLK OUT
–IN
V+
+IN
OUTPUT
NC (GUARD)
OUTPUT CLAMP
V–
CRETURN
NC
NC
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
OBSOLETE PACKAGE
Consider the N14 Package for Alternate Source
Consider the N8 Package for Alternate Source
OBSOLETE PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com