Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1063CSW
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1063CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1063CSW Datasheet HTML 1Page - Linear Technology LTC1063CSW Datasheet HTML 2Page - Linear Technology LTC1063CSW Datasheet HTML 3Page - Linear Technology LTC1063CSW Datasheet HTML 4Page - Linear Technology LTC1063CSW Datasheet HTML 5Page - Linear Technology LTC1063CSW Datasheet HTML 6Page - Linear Technology LTC1063CSW Datasheet HTML 7Page - Linear Technology LTC1063CSW Datasheet HTML 8Page - Linear Technology LTC1063CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1063
5
1063fa
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (kHz)
1
0.001
0.01
0.1
1
10
1063 G12
5
VIN = 2.5VRMS
fC = 10kHz, fCLK = 1MHz
S/N = 88dB, TA = 25°C
5 REPRESENTATIVE UNITS
INPUT (VRMS)
0.1
0.001
15
1063 G11
0.01
0.1
1
A
B
fIN = 1kHz, TA = 25°C
5 REPRESENTATIVE UNITS
A. fC = 10kHz, fCLK = 1MHz
B. fC = 20kHz, fCLK = 2MHz
FREQUENCY (kHz)
1
0.001
0.01
0.1
1
10
1063 G10
5
VIN = 1.5VRMS
fC = 10kHz, fCLK = 1MHz
S/N = 83.5dB, TA = 25°C
5 REPRESENTATIVE UNITS
INPUT (VRMS)
0.1
0.001
15
1063 G09
0.01
0.1
1
A
B
fIN = 1kHz, TA = 25°C
5 REPRESENTATIVE UNITS
A. fC = 10kHz, fCLK = 1MHz
B. fC = 20kHz, fCLK = 2MHz
FREQUENCY (kHz)
1
0.001
0.01
0.1
1
2
1063 G08
3
4
5
VIN = 0.75VRMS
fC = 5kHz, fCLK = 500kHz
S/N = 78dB, TA = 25°C
5 REPRESENTATIVE UNITS
INPUT (VRMS)
0.1
0.001
15
1063 G07
0.01
0.1
1
A
B
fIN = 1kHz, TA = 25°C
5 REPRESENTATIVE UNITS
A. fC = 5kHz, fCLK = 0.5MHz
B. fC = 10kHz, fCLK = 1MHz
INPUT FREQUENCY (kHz)
1
10
100
1063 G06
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
BC
E
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
E. fCLK = 5MHz
VIN = 2.5VRMS
TA = 25°C
D
INPUT FREQUENCY (kHz)
1
10
100
1063 G05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
B C
D
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
VIN = 1.5VRMS
TA = 25°C
INPUT FREQUENCY (kHz)
1
10
100
1063 G04
B
C
VIN = 750mVRMS
TA = 25°C
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
A. fCLK = 0.5MHz
B. fCLK = 1MHz
C. fCLK = 2MHz
Gain vs Frequency; VS = ±2.5V
Gain vs Frequency; VS = ±5V
Gain vs Frequency; VS = ±7.5V
THD vs Frequency; VS = ±5V
THD + Noise vs Input Voltage;
VS = Single 5V
THD vs Frequency;
VS = Single 5V
THD + Noise vs Input Voltage;
VS = ±5V
THD vs Frequency;
VS = ±7.5V
THD + Noise vs Input Voltage;
VS = ±7.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com