Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1061CSW Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1061CSW
Description  High Performance Triple Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061CSW Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1061CSW Datasheet HTML 8Page - Linear Technology LTC1061CSW Datasheet HTML 9Page - Linear Technology LTC1061CSW Datasheet HTML 10Page - Linear Technology LTC1061CSW Datasheet HTML 11Page - Linear Technology LTC1061CSW Datasheet HTML 12Page - Linear Technology LTC1061CSW Datasheet HTML 13Page - Linear Technology LTC1061CSW Datasheet HTML 14Page - Linear Technology LTC1061CSW Datasheet HTML 15Page - Linear Technology LTC1061CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1061
1061fe
fIN (kHz)
1
–10
9
1061 F22
–30
–60
–80
3
5
7
0
–50
–40
–20
0
–70
–90
2
4
68
10
STANDARD 1%
RESISTOR VALUES
R11 = 54.9k
R31 = 34.8k
Rh1 = 28.7k
R22 = 68.1k
R42 = 10k
Rl2 = 16.2k
R33 = 75k
R21 = 24.3k
R41 = 10k
Rl1 = 280k
R32 = 18.2k
Rh2 = 10.2k
R23 = 10k
R43 = 14k
NOTE: FOR CLOCK FREQUEN-
CIES ABOVE 300kHz, ADD
A CAPACITOR C ACROSS
R21 AND R22 SUCH AS
(1/2
πR21C) = fCLK
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
VIN
1061 F21
LTC1061
Rh2
R43
R33
T2L, CMOS
CLOCK INPUT
V –
V +
Rl2
R32
R22
R42
R31
R41
Rl1
R21
R11
Rh1
R23
VOUT
ODES OF OPERATIO
higher frequency notch provided by the side A of the
LTC1061. As shown in Figure 22, the highpass corner
frequency is 3.93kHz and the higher notch frequency is
3kHz while the filter operates with a 300kHz clock. The
center frequencies, Qs, and notches of Figure 22, when
normalized to the highpass cutoff frequency, are (fO1 =
1.17, Q1 = 2.24, fn1 = 0.242, fO2 = 1.96, Q2 = 0.7, fn2 = 0.6,
fO3 = 0.987, fn3 = 0.753, Q3 = 10). When compared with the
topology of Figure 16, this approach uses lower and more
restricted clock frequencies. The obtained notch in Mode
2 is shallower although the topology is more efficient.
Output Noise
The wideband RMS noise of the LTC1061 outputs is nearly
independent from the clock frequency. The LTC1061
noise when operating with
±2.5V supply is lower, as Table
3 indicates. The noise at the bandpass and lowpass
outputs increases rough as the
√Q. Also the noise in-
creases when the clock-to-center frequency ratio is al-
tered with external resistors to exceed the internally set
100:1 or 50:1 ratios. Under this condition, the noise
increases square root-wise.
Output Offsets
The equivalent input offsets of the LTC1061 are shown in
Figure 23. The DC offset at the filter bandpass output is
always equal to VOS3. The DC offsets at the remaining two
outputs (Notch and LP) depend on the mode of operation
and external resistor ratios. Table 4 illustrates this.
It is important to know the value of the DC output offsets,
especially when the filter handles input signals with large
dynamic range. As a rule of thumb, the output DC offsets
increase when:
1. The Qs decrease
2. The ratio (fCLK/fO) increases beyond 100:1. This is
done by decreasing either the (R2/R4) or the R6/(R5
+ R6) resistor ratios.
Figure 21 shows the side A of the LTC1061 connected in
Mode 2 while sides B and C are in Mode 3a. This topology
can be used to synthesize elliptic bandpass, highpass and
notch filters. The elliptic highpass of Figure 17 is synthe-
sized again, Figure 22, but the clock is now locked onto the
Figure 22. 6th Order Elliptic Highpass Filter Operating with a
Clock-to-Cutoff Frequency Ratio of 75:1 and Using the Topology
of Figure 21
Figure 21. LTC1061 with Side A is Connected in Mode 2 While
Side B, C are in Mode 3a. Topology is Useful for Elliptic
Highpass, Notch and Bandpass Filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com