Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BFS17
Description  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFS17 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button BFS17 Datasheet HTML 2Page - Vishay Siliconix BFS17 Datasheet HTML 3Page - Vishay Siliconix BFS17 Datasheet HTML 4Page - Vishay Siliconix BFS17 Datasheet HTML 5Page - Vishay Siliconix BFS17 Datasheet HTML 6Page - Vishay Siliconix BFS17 Datasheet HTML 7Page - Vishay Siliconix BFS17 Datasheet HTML 8Page - Vishay Siliconix BFS17 Datasheet HTML 9Page - Vishay Siliconix BFS17 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BFS17/BFS17R/BFS17W
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 4, 20-Jan-99
7 (10)
Document Number 85038
VCE = 5 V, IC = 10 mA , Z0 = 50 W
S11
13 546
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
1
2
5
2.0 GHz
0.5
1.0
0.1
0.3
Figure 4. Input reflection coefficient
S21
13548
0
°
90
°
180
°
–90
°
8
16
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
2.0 GHz
0.5
0.1
0.3
Figure 5. Forward transmission coefficient
S12
13 547
0
°
90
°
180
°
–90
°
0.08
0.16
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
2.0 GHz
0.5
1.0
0.1
1.5
Figure 6. Reverse transmission coefficient
S22
13 549
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
2.0 GHz
0.5
0.1
Figure 7. Output reflection coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com