Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1052CSW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1052CSW
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052CSW Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1052CSW Datasheet HTML 2Page - Linear Technology LTC1052CSW Datasheet HTML 3Page - Linear Technology LTC1052CSW Datasheet HTML 4Page - Linear Technology LTC1052CSW Datasheet HTML 5Page - Linear Technology LTC1052CSW Datasheet HTML 6Page - Linear Technology LTC1052CSW Datasheet HTML 7Page - Linear Technology LTC1052CSW Datasheet HTML 8Page - Linear Technology LTC1052CSW Datasheet HTML 9Page - Linear Technology LTC1052CSW Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC1052/LTC7652
6
1052fa
50µV
10µV
5µV
Response Time vs Overdrive
VREF + OVERDRIVE
20ms/DIV
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT
–5V
5V
VREF – 1mV
INPUT
{
{
Electrical Characteristics Test Circuit (TC1)
DC to 10Hz and DC to 1HZ Noise Test Circuit (TC3)
THEORY OF OPERATIO
DC OPERATION
The shaded portion of the LTC1052 block diagram
(Figure 1a) entirely determines the amplifier’s DC
characteristics. During the auto zero portion of the cycle,
the gm1 inputs are shorted together and a feedback path is
closed around the input stage to null its offset. Switch S2
and capacitor CEXTA act as a sample-and-hold to store the
nulling voltage during the next step—the sampling cycle.
In the sampling cycle, the zeroed amplifier is used to
amplify the differential input voltage. Switch S2 connects
the amplified input voltage to CEXTB and the output gain
stage. CEXTB and S2 act as a sample-and-hold to store the
amplified input signal during the auto zero cycle.
By switching between these two states at a frequency
much higher than the signal frequency, a continuous
output results.
Notice that during the auto zero cycle the gm1 inputs are
not only shorted together, but are also shorted to the
inverting input. This forces nulling with the common mode
voltage present and accounts for the extremely high
CMRR of the LTC1052. In the same fashion, variations in
0.1µF
0.1µF
R1
1k
R2
1M
3
2
7
6
8
4
1
V–
V+
+
–
LTC1052
LTC1052/7652 • TC01
OUTPUT
RL
TEST CIRCUITS
0.1µF
0.1µF
6
R2
3
2
7
6
8
4
1
V–
V+
+
–
LTC1052
LTC1052/7652 • TC02
OUTPUT
(NOISE x 20,000)
34k
R1
C2
3
2
+
–
LT1001
34k
C3
R4
R3
BANDWIDTH
10Hz
1Hz
R1
16.2Ω
16.2Ω
R2
162k
162k
R3
16.2k
162k
R4
16.2k
162k
C2
0.1µF
1.0µF
C3
1.0µF
1.0µF
C4
1.0µF
1.0µF
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com