Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1066-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1066-1
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1066-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC1066-1 Datasheet HTML 1Page - Linear Technology LTC1066-1 Datasheet HTML 2Page - Linear Technology LTC1066-1 Datasheet HTML 3Page - Linear Technology LTC1066-1 Datasheet HTML 4Page - Linear Technology LTC1066-1 Datasheet HTML 5Page - Linear Technology LTC1066-1 Datasheet HTML 6Page - Linear Technology LTC1066-1 Datasheet HTML 7Page - Linear Technology LTC1066-1 Datasheet HTML 8Page - Linear Technology LTC1066-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC1066-1
2
10661fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain (0.01fCUTOFF to 0.25fCUTOFF)fCLK = 400kHz, fTEST = 2kHz
●
– 0.18
0.16
0.36
dB
Passband Ripple (0.01fCUTOFF to 0.75fCUTOFF)fCUTOFF ≤ 50kHz (See Note on Test Circuit)
±0.15
dB
for fCLK/fCUTOFF = 50:1
Gain at 0.50fCUTOFF for fCLK/fCUTOFF = 50:1
fCLK = 400kHz, fTEST = 4kHz
– 0.09
0.02
0.09
dB
●
– 0.14
0.05
0.14
dB
fCLK = 2MHz, fTEST = 20kHz
– 0.16
– 0.05
0.02
dB
●
– 0.22
– 0.10
0.02
dB
Gain at 0.75fCUTOFF for fCLK/fCUTOFF = 50:1
fCLK = 400kHz, fTEST = 6kHz
– 0.18
– 0.05
0.05
dB
●
– 0.22
– 0.10
0.05
dB
fCLK = 2MHz, fTEST = 30kHz
– 0.36
– 0.20
0.05
dB
●
– 0.45
– 0.30
0.05
dB
fCLK = 4MHz, fTEST = 60kHz
– 0.65
– 0.30
0.25
dB
●
– 0.85
– 0.40
0.75
dB
Gain at 1.00fCUTOFF for fCLK/fCUTOFF = 50:1
fCLK = 400kHz, fTEST = 8kHz
– 1.50
– 1.10
– 0.05
dB
●
– 1.80
– 1.20
– 0.05
dB
fCLK = 2MHz, fTEST = 40kHz
– 2.10
– 1.60
– 1.20
dB
●
– 2.30
– 1.60
– 1.20
dB
fCLK = 4MHz, fTEST = 80kHz
– 2.20
– 1.60
– 0.05
dB
●
– 2.50
– 1.60
0.25
dB
Gain at 2.00fCUTOFF for fCLK/fCUTOFF = 50:1
fCLK = 400kHz, fTEST = 16kHz
– 56
– 58
– 64
dB
●
–54
–57
–64
dB
fCLK = 2MHz, fTEST = 80kHz
– 53
– 56
– 62
dB
●
–51
–55
–62
dB
fCLK = 4MHz, fTEST = 160kHz
– 50
– 52
– 60
dB
●
–48
–51
–60
dB
TOP VIEW
SW PACKAGE
18-LEAD PLASTIC SO WIDE
TJMAX = 110°C, θJA = 75°C/W
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
OUT A
–IN A
+IN A
V–
V+
CONNECT 1
FILTEROUT
50/100
CLK
V+
OUT B
+IN B
GND
FILTERIN
COMP 2
CONNECT 2
COMP 1
V–
ELECTRICAL CHARACTERISTICS (See Test Circuit)
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at VS = ±7.5V,
RL = 1k, TA = 25°C, fCLK signal level is TTL or CMOS (maximum clock rise or fall time ≤ 1µs) unless otherwise specified. All AC gain
measurements are referenced to passband gain.
Total Supply Voltage (V + to V –) .......................... 16.5V
Power Dissipation ............................................. 700mW
Burn-In Voltage ................................................... 16.5V
Voltage at Any Input ..... (V – – 0.3V)
≤ VIN ≤ (V+ + 0.3V)
Maximum Clock Frequency
VS = ±8V ....................................................... 6.1MHz
VS = ±7.5V .................................................... 5.4MHz
VS = ±5V ....................................................... 4.1MHz
VS = Single 5V ............................................... 1.8MHz
Operating Temperature Range* .................. 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
(Note 1)
ORDER PART
NUMBER
LTC1066-1CSW
PACKAGE/ORDER I FOR ATIO
* For an extended operating temperature range contact LTC Marketing
for details.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com