Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4261 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC4261
Description  isc Silicon NPN RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4261 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC4261 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4261 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4261 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4261 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4261 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4261 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4261
S-PARAMETERS
(Emitter Common)
VCE = 5 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.718
–44.8
12.498
144.9
0.026
68.8
0.895
–14.6
200
0.549
–78.8
9.123
122.0
0.042
59.3
0.756
–20.3
300
0.439
–102.0
6.788
108.4
0.051
57.6
0.671
–21.3
400
0.381
–120.8
5.348
99.3
0.060
58.5
0.626
–21.5
500
0.351
–135.5
4.396
92.4
0.068
60.6
0.600
–21.8
600
0.340
–148.2
3.732
86.7
0.076
62.5
0.582
–22.5
700
0.337
–157.8
3.240
81.7
0.085
64.3
0.569
–23.3
800
0.337
–165.2
2.875
77.3
0.094
66.0
0.558
–24.4
900
0.343
–173.1
2.575
73.4
0.103
67.3
0.547
–25.8
1000
0.359
–177.9
2.355
70.0
0.112
68.4
0.538
–27.2
VCE = 5 V, IC = 10 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.553
–65.2
17.540
133.2
0.022
64.8
0.809
–18.0
200
0.401
–103.4
11.066
111.3
0.033
61.3
0.659
–20.0
300
0.337
–127.4
7.723
99.9
0.043
63.9
0.598
–18.6
400
0.314
–143.9
5.939
92.5
0.052
66.3
0.570
–18.1
500
0.313
–155.7
4.816
86.7
0.063
68.6
0.555
–18.2
600
0.314
–165.5
4.052
81.8
0.073
70.1
0.545
–18.9
700
0.327
–172.2
3.496
77.6
0.083
71.4
0.536
–19.9
800
0.335
–177.7
3.090
73.8
0.093
72.4
0.530
–21.0
900
0.349
176.8
2.753
70.1
0.103
73.0
0.523
–22.4
1000
0.354
172.8
2.515
67.0
0.113
74.0
0.516
–24.0
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com