Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU941ZP Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU941ZP
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU941ZP Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU941ZP Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU941ZP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJW16010A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCL
Clamping Voltage
IC= 100mA
350
500
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 8A; IB= 0.1A
B
1.8
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A; IB= 0.25A
1.8
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 12A; IB= 0.3A
2.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 8A; IB= 0.1A
B
2.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 10A; IB= 0.25A
2.5
V
VBE(sat)-3
Base-Emitter Saturation Voltage
IC= 12A; IB= 0.3A
2.7
V
ICEO
Collector Cutoff Current
VCE= 300V; IB= 0
VCE= 300V; IB= 0;TC=125℃
0.1
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
20
mA
hFE
DC Current Gain
IC= 5A ; VCE= 10V
300
VECF
C-E Diode Forward Voltage
IF= 10A
2.5
V
Switching times;Inductive load
tstg
Storage Time
15
μs
tf
Fall Time
IC= 7A; IB= 70mA, R
B
BE= 47Ω;
Vclamp= 300V, VBE= 0; L= 7mH
0.5
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com