Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ1000 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ1000
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ1000 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ1000 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ1000 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
MJ1000
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 60V(Min.)
·High DC Current Gain-
: hFE= 1000(Min.)@IC= 3A
·Low Collector Saturation Voltage-
: VCE (sat)= 2.0V(Max.)@ IC= 3A
APPLICATIONS
·Designed for use as output devices in complementary
general purpose amplifier applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continunous
10
A
IB
B
Base Current-Continunous
0.1
A
PC
Collector Power Dissipation
@TC=25℃
90
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-55~+200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.94
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - MJ1000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ1000 MOTOROLA-MJ1000 Datasheet
139Kb / 4P
Medium-Power Complementary Silicon Transistors
logo
Central Semiconductor C...
MJ1000 CENTRAL-MJ1000 Datasheet
54Kb / 1P
Power Transistors
logo
Savantic, Inc.
MJ1000 SAVANTIC-MJ1000 Datasheet
118Kb / 3P
Silicon NPN Power Transistors
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000 Datasheet
175Kb / 4P
COMPLEMENTARY POWER DARLINGTONS
MJ1000 COMSET-MJ1000 Datasheet
78Kb / 3P
COMPLEMENTARY POWER DARLINGTONS
More results

Similar Description - MJ1000

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com