Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU406 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU406
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU406 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU406 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU406 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BU406 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU406
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA ;IB= 0
200
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
1.2
V
ICES
Collector Cutoff Current
VCE= 400V; VBE= 0
VCE=250V; VBE= 0
VCE=250V; VBE= 0;TC= 150℃
5.0
0.1
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
1.0
mA
fT
Current-Gain—Bandwidth Product
IC= 0.5A ; VCE= 10V, ftest= 20MHz
10
MHz
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1.0MHz
80
pF
tf
Fall Time
IC= 5A; IB1= -IB2= 0.5A, L= 150μH
VCC= 40V
0.75
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com