Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD203 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD203
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD203 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD203 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD203 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD201/203
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
BD201
45
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BD203
IC= 0.2A ;IB= 0
B
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA ;IE= 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA ;IC= 0
5
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
B
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 6A; IB= 0.6A
B
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 6A; IB= 0.6A
B
2.0
V
VBE(on)
Base-Emitter On Voltage
IC= 3A ; VCE= 2V
1.5
V
ICEO
Collector Cutoff Current
VCE= 30V; IB= 0
B
0.2
mA
ICBO
Collector Cutoff Current
VCB= 40V;IE= 0; TJ= 150℃
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
0.5
mA
BD201
IC= 3A ; VCE= 2V
hFE
DC Current Gain
BD203
IC= 2A ; VCE= 2V
30
fT
Current-Gain—Bandwidth Product
IC= 0.3A ; VCE= 3V, ftest= 1.0MHz
7.0
MHz
Switching Times
ton
Turn-On Time
1
μs
toff
Turn-Off Time
IC= 2A; IB1= -IB2= 0.2A
4
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com