Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT31C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDT31C
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT31C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDT31C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT31C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BDT31/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDT31
40
BDT 31A
60
BDT 31B
80
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BDT 31C
IC= 30mA; IB= 0
100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.375A
B
1.2
V
VBE(on)
Base-Emitter On Voltage
IC= 3A ; VCE= 4V
1.8
V
ICES
Collector Cutoff Current
VCE= VCEOmax; VBE= 0
0.2
mA
BDT31/A
VCE= 30V; IB= 0
B
ICEO
Collector Cutoff Current
BDT31B/C
VCE= 60V; IB= 0
B
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
0.2
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 4V
25
hFE-2
DC Current Gain
IC= 3A ; VCE= 4V
10
50
fT
Current-Gain—Bandwidth Product
IC= 0.5A ; VCE= 10V
3
MHz
Switching Times
ton
Turn-On Time
0.3
μs
toff
Turn-Off Time
IC= 1.0A; IB1= -IB2= 0.1A
1.0
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com