Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A6 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MAC97A6
Description  Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MAC97A6 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MAC97A6 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Inchange Semiconductor
Product Specification
Triacs
MAC97A6
FEATURES
·With TO-92 package
·Designed for use in solid state relays, MPU interface, TTL logic
and any other light industrial or consumer application.
·Sensitive gate triggering in four trigger modes for all possible
combinations of trigger sources, and especially for circuits that
source gate drives.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak off-state voltage
400
V
IT(AV)
Average on-state current
0.8
A
ITSM
Non-repetitive peak on-state current
8
A
Tj
Operating junction temperature
110
℃
Tstg
Storage temperature
-45~150
℃
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDRM
Repetitive peak off-state voltage
ID=0. 1mA
400
V
VRRM
Repetitive peak reverse voltage
ID=0.2 mA
400
V
IRRM
Repetitive peak reverse current
VRRM=360V
10
μA
IDRM
Repetitive peak off-state current
VDRM=360V
10
μA
Ⅰ
6
Ⅱ
6
Ⅲ
6
IGT
Gate trigger current
Ⅳ
VD=12V; RL=100Ω
35
mA
VTM
On-state voltage
IT=1.6A
1.7
V
IH
Holding current
IT=0.1A ,IGT=20mA
8
mA
Ⅰ
1.5
Ⅱ
1.5
Ⅲ
1.5
VGT
Gate trigger voltage
Ⅳ
VD=12V ; RL=100Ω
1.8
V


Similar Part No. - MAC97A6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC97A6 PHILIPS-MAC97A6 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
ON Semiconductor
MAC97A6 ONSEMI-MAC97A6 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
LOGIC LEVEL TRIAC
logo
Tiger Electronic Co.,Lt...
MAC97A6 TGS-MAC97A6 Datasheet
98Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
195Kb / 5P
LOGIC LEVEL TRIAC
More results

Similar Description - MAC97A6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
Triacs
October 1997 Rev 1.200
BT137X PHILIPS-BT137X Datasheet
53Kb / 7P
Triacs
September 1997 Rev 1.200
BT138B PHILIPS-BT138B Datasheet
52Kb / 6P
Triacs
October 1997 Rev 1.200
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
Triacs
September 1997 Rev 1.200
logo
STMicroelectronics
BTB15B STMICROELECTRONICS-BTB15B Datasheet
177Kb / 4P
TRIACS
Feb-1989
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com