Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-VME32-NET Datasheet(PDF) 1 Page - Actel Corporation

Part # MC-ACT-VME32-NET
Description  Flexible slave VME controller Full interrupt controller (ROAK)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-VME32-NET Datasheet(HTML) 1 Page - Actel Corporation

  MC-ACT-VME32-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-VME32-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-VME32-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-VME32-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-VME32-NET Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MC-ACT-VME32
VME_DATA_OUT[31:0]
VME_EXT_DRV_N
VME_EXT_DDIR
VME_INT_DRV_N
VME_IACKOUT_N
VME_IRQ_N[6:0]
VME_ADDR[31:1]
VME_AM[5:0]
VME_DATA_IN[31:0]
VME_DTACK_N
VME_AS_N
VME_DS0_N
VME_DS1_N
VME_LWORD_N
VME_WRITE_N
VME_BERR_N
VME_IACK_N
VME_IACKIN_N
CLK
RESET_N
USER_ADDR[31:1]
USER_AM[5:0]
USER_RW_N
USER_WR_DATA[31:0]
USER_BE1
USER_BE2
USER_ACC_REQ
USER_IACK
INT_USER_AM[5:0]
INT_USER_ADDR[31:1]
USER_RD_DATA[31:0]
USER_ACC_RDY
USER_IREQ
USER_ILEV[2:0]
USER_IVEC[31:0]
USER_ACC
AvnetCore: Datasheet
VME32
Intended Use:
— Medical systems
— Industrial controls: robotic, factory automation
Features:
— Flexible slave VME controller
— Full interrupt controller (ROAK)
— Control signals for external drivers and drivers on chip
— Synchronous user side interface for registers, peripherals and
memories
— User definable waitstates
— Synchronous, reliable design
— Expandable to full set of VME features
— Silicon proven design
Targeted Devices:
— SX-A Family
— Axcelerator® Family
— ProASICPLUS® Family
Core Deliverables:
— Netlist Version
> Netlist compatible with the Actel Designer place and route tool
— RTL Version
> VHDL Source Code
> Test Bench
— All
> User Guide
Synthesis and Simulation Support:
— Synthesis: Synplicity®
— Simulation: ModelSim®
— Other tools supported upon request
Verification:
— Test Bench
The MC-ACT-VME32 core is used as interface for the VME standard bus. One side
contains all VME bus signals and the other side all the user signals. With the defined
address and address modifier, the user allows any masters on the VME bus to access
the IO, peripherals or memory placed on the user side.
The user has to describe two blocks which are connected to the “address
decoding” and to the “user side”. The “address decoding” is used to detect the access
and to allow the transfer on the corresponding board. It allows the user to build its own
address decoding without changing the code of the MC-ACT-VME32.
The MC-ACT-VME32 core provides a full interrupt controller based on seven
interrupt lines connected to the bus. The system release the interrupt on the
acknowledge (ROAK). The acknowledge is done on all boards connected on the bus
through a daisy-chain.
A complete VHDL test bench verifies every functions and addressing mode and
interrupts. These test benches are built as a self testing regression-test suite.
MC-ACT-VME32 Pinout


Similar Part No. - MC-ACT-VME32-NET

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-VME2416 ACTEL-MC-ACT-VME2416 Datasheet
148Kb / 7P
FlexibleslaveVMEcontroller Fullinterruptcontroller(ROAK
MC-ACT-VME2416-VHD ACTEL-MC-ACT-VME2416-VHD Datasheet
148Kb / 7P
FlexibleslaveVMEcontroller Fullinterruptcontroller(ROAK
More results

Similar Description - MC-ACT-VME32-NET

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
INTERRUPT CONTROLLER
logo
Actel Corporation
MC-ACT-VME2416 ACTEL-MC-ACT-VME2416 Datasheet
148Kb / 7P
FlexibleslaveVMEcontroller Fullinterruptcontroller(ROAK
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
VME A32D32 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
VME A24D32 Slave Controller
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
VME A24D16 Slave Controller
logo
Megawin Technology Co.,...
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
Interrupt controller
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
Interrupt controller
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
Slave Controller
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
Slave Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com