Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-UARTF-NET Datasheet(PDF) 3 Page - Actel Corporation

Part # MC-ACT-UARTF-NET
Description  FastUART
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UARTF-NET Datasheet(HTML) 3 Page - Actel Corporation

  MC-ACT-UARTF-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UARTF-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UARTF-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UARTF-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UARTF-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UARTF-NET Datasheet HTML 6Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fast UART
Memec Design
February 25, 2003
3
Optimized for
Functional Description
Structure of UART-F
The structure of MC-ACT-UARTF consists of four principal block. A dual advanced high speed baudrate synthesizer
is implemented to serve as receiver sampling source and transmitter clock source. Clock generation is configured
through 16-bit register value.
Format analyzer detects the incoming data stream to sequence bits stored and interface by receive unit. The
detection and derivation of data stream enables a bit sampling mechanism to reduce necessary clock cycle in
receiving unit.
Transmit unit is starting serial out after a parallel event controlled interface is used.
Figure 2: UART-F Structure
Event Communication
For communicating events, the MC-ACT-UARTF core uses or produces active ‘1’ pulses, which are activated for
only one clk cycle. In the inactive state, they remain low with respect to the rising clk edge, so glitches may occur.
For communicating over clock domains, these events must be synchronized first!
Configuration
The configuration pins are used to set the bitrate, bit timing and output format. They’re static inputs and used for
both receiver and transmitter in common.
Baudrate
The baudrate generator is not a simple prescaler, but allows generating all baudrates from the system clock within a
certain range. There is no special clock frequency needed for that purpose so that you’re free to choose the system
clock for the MC-ACT-UARTF, which simplifies considerably the clock structure.
To configurate the baudrate a 16bit configuration register value is used.
Examples:
For 1Mhz clock and 115’200bps, n is 30198(dec), accuracy better than 33ppm,
For 20Mhz clock and 1Mbps, n is 13107(dec), accuracy better than 76ppm.
Limitations:
Values for n lower than 100(dec) should not be used, otherwise the accuracy may be below 1%.
e.g. for 1MHz clock, the possible baudrates with accuracy better than 1% range from 381bps to 250kbps.
RX Data
RX Ctrl
TX Data
TX Ctrl
serial out
Dual Advanced Hi Speed
Baudrate Synthesizer
Receive
Unit
Format
Analyzer
Transmit
Unit
Config
serial in
UART-F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com