Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2570A Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC2570A
Description  isc Silicon NPN RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2570A Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC2570A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2570A Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC2570A Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC2570A Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC2570A Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC2570A
S-PARAMETER
VCE = 10 V, IC = 5 mA, ZO = 50Ω
S-PARAMETER
VCE = 10 V, IC = 20 mA, ZO = 50Ω
isc Website:www.iscsemi.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com