Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3127 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC3127
Description  isc Silicon NPN RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3127 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC3127 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3127 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3127 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3127 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3127 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3127 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3127
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10μA ; IE= 0
20
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 1mA ; RBE= ∞
12
V
ICBO
Collector Cutoff Current
VCB= 12V; IE= 0
0.5
μA
IEBO
Emitter Cutoff Current
VEB= 3V; IC= 0
10
μA
hFE
DC Current Gain
IC= 20mA ; VCE= 5V
30
200
fT
Current-Gain—Bandwidth Product
IC= 20mA ; VCE= 5V
3.5
4.5
GHz
COB
Output Capacitance
IE= 0 ; VCB= 5V;f= 1.0MHz
0.9
1.5
pF
PG
Power Gain
IC= 20mA ; VCE= 5V;f= 900MHz
10.5
dB
NF
Noise Figure
IC= 5mA ; VCE= 5V;f= 900MHz
2.2
dB
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com