Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP560 Datasheet(PDF) 2 Page - Actel Corporation

Part # EP560
Description  EP560 SD/SDIO/MMC Slave Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP560 Datasheet(HTML) 2 Page - Actel Corporation

  EP560 Datasheet HTML 1Page - Actel Corporation EP560 Datasheet HTML 2Page - Actel Corporation EP560 Datasheet HTML 3Page - Actel Corporation EP560 Datasheet HTML 4Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright © by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 2
Eureka Technology
DESCRIPTIONS
The SD Slave Controller is designed to reside within an SD memory, SDIO, or SD
Combo Card. It serves as an interface between the SD bus and user logic that pro-
vides the actual function of the card. It is designed to integrate with user logic to
make various devices using the SD bus protocol, such as storage or wireless net-
work card.
The SD slave controller supports both 1 and 4 bit SD interface (up to 8 bits in
optional MMC support) and SPI mode. Data rate of up to 25Mbyte/sec (200Mbs)
can be realized with SD interface. Features such as plug and play, auto-detection,
error correction, write protection are standard with SD card interface and are sup-
ported.
As a slave device, the SD slave controller receives commands from the host
through the SD interface. Most of the commands are processed locally by the con-
troller without any help from the user logic. The majority of the standard SD reg-
ister set is also implemented within the slave controller and process by the core
without help from the user logic.
In case of memory or IO access that needs to be forwarded to the user logic, the
slave controller handles all the SD bus protocol and presents the request to the
user logic as simple read and write request through parallel address and data
buses. Burst transfer of up to 2048 bytes per transfer and user defined wait states
are supported on the user interface to maximize data bandwidth. The slave con-
troller also contains data buffer to match the speed differences between the user
interface and the SD interface. It allows a much more efficient use of the user
interface.
SD Combo card and multi-function cards are supports by the EP560. With Combo
card and multi-function, one user interface is dedicated for each function so all
functions can operate in parallel.
The user interface of the EP560 core can operate either in DMA mode or interrupt
mode. In the normal DMA mode, the EP560 is a bus master that transfers data
between the user’s memory and the SD host. It functions like a DMA controller
under the control of the SD host. In the optional interrupt mode, the communica-
tion between the EP560 and the user logic is interrupt driven. The EP560 asserts
interrupt to the local CPU whenever it needs to access user memory. The main
body of this data sheets describe the EP560 in DMA mode and the interrupt mode
is described in the Appendix.
With the EP560, SD card design can be realized with very little development cost.
The designer can add SD memory and SDIO interface capability to the design by
simply adding the EP560 module without changing the rest of the system architec-
ture.
EP560 SD/SDIO/MMC
Slave Controller



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com