Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP501 Datasheet(PDF) 2 Page - Actel Corporation

Part # EP501
Description  EP501 NAND Flash Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP501 Datasheet(HTML) 2 Page - Actel Corporation

  EP501 Datasheet HTML 1Page - Actel Corporation EP501 Datasheet HTML 2Page - Actel Corporation EP501 Datasheet HTML 3Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright © by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 2
Eureka Technology
Description
The EP501 NAND Flash controller provides an easy interface for user to access
NAND Flash devices. Typical NAND Flash devices are accessed through compli-
cated sequence of command, address, data, and confirmation protocols. The
EP501 manages all the hardware protocols and allows the user to access NAND
Flash memory simply by reading and writing control registers inside the EP501.
A very large size of NAND Flash memory can be accessed through a small num-
ber of control registers. The NAND Flash controller occupies only a small size in
the system’s memory space without scarifying system performance. Burst access
to the NAND Flash memory is supported by the controller at full memory band-
width. Timing parameters of the controller is fully programmable so different
memory speeds are supported regardless of the operating frequency of the control-
ler.
The EP501 supports optional error correction code (ECC) that performs single-bit
error correction and double-bit error detection. There are options to provide ECC
protection on per word basis or per page basis. With per word ECC, 8 bits of ECC
code is generated by the core for each 32-bit data. A total for 40 bit is written to
the NAND Flash for each data word. Error detection and correction are automati-
cally performed by the core with error logging through internal control registers.
The core can be configure to generate interrupt on ECC error. ECC error can also
be injected into the NAND Flash device if desired for diagnostic purpose. With
per page ECC, 3 bytes of ECC code is generated for every page (512 bytes) of
data.
The EP501 is programmable to support both large block and small block NAND
Flash devices. Memory size, bus width, access timing, and number of banks are
all programmable.
Several options of user interface are available for the user to choose from. The
standard version features a simple user interface that is designed for on-chip sys-
tem integration. It has separate address and data buses and command signals that
supports burst transfer and wait state insertion. Other standard interface buses
including PCI, AMBA AHB, PCMCIA, and CardBus are available. The controller
acts as a target or slave device on these buses. With these standard bus interfaces,
the EP501 can be integrate seamlessly with systems built on these standards.
Optional Features
The EP501 NAND Flash controller supports the following optional features per
customer specification
Error Correction Code (ECC)
Power-on boot ROM support.
EP501 NAND Flash
Controller



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com