Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP201 Datasheet(PDF) 2 Page - Actel Corporation

Part # EP201
Description  EP201 PowerPC Bus Master
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP201 Datasheet(HTML) 2 Page - Actel Corporation

  EP201 Datasheet HTML 1Page - Actel Corporation EP201 Datasheet HTML 2Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2003 by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 2
Eureka Technology
The PowerPC bus master is a bus interface unit designed for the PowerPC host
bus. It allows the user to initiate data transfer directly on the PowerPC CPU bus
through a very simple user interface.
The PowerPC bus master arbitrates for the PowerPC address bus before starting
any transfers. It handles separate address and data bus tenure so that data bus is
arbitrated independently from the address bus. The bus master handles address
retry by the CPU or other sources on the CPU bus. Upon address retry, it automat-
ically re-starts the data transfer unless an error has occurred.
Single beat, burst data and extended MPC8260 data transfer are supported. Differ-
ent data size and transfer types are allowed and can be specified through an inter-
nal back-end bus. There are two user interface ports provided by the bus master. It
allows two different devices to access the PowerPC bus through a single bus mas-
ter. The bus master contains arbitration logic to arbitrate between the two request
ports.
The following table summarizes the optional features which can be provided with
the core as required by user application.
Options
Description
Extended data transfer
MPC8260 extended data transfer
Dual or single user interface
Supports one, two or multiple user request
ports.
Address only transfer
Execute address only transfer on the CPU bus
for data snooping.
Family
Device
Utilization
Performance
(-speed grade)
SEQ
COMB
Total
RAM
ProASICPlus
APA150-STD
452
882
22%
40Mhz
Axcelerator
AX500-3
408
290
9%
126Mhz
RTSX-S
RT54SX32S-2
410
281
24%
61Mhz
OPTIONAL
FEATURES
EP201 PowerPC Bus Master
Actel Device
Utilization
Data
DESCRIPTIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com