Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDW24A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDW24A
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW24A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDW24A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW24A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDW24/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDW24
-45
BDW24A
-60
BDW24B
-80
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BDW24C
IC= -100mA ;IB=0
-100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -2A; IB= -8mA
B
-2
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -6A; IB= -60mA
B
-3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -2A; IB= -8mA
B
-2.5
V
VBE(on)-1
Base-Emitter On Voltage
IC= -1A ; VCE= -3V
-2.5
V
VBE(on)-2
Base-Emitter On Voltage
IC= -6A ; VCE= -3V
-3
V
VECF
C-E Diode Forward Voltage
IF= -2A
-1.8
V
BDW24
VCE= -22V; IB= 0
B
BDW24A
VCE= -30V; IB= 0
B
BDW24B
VCE= -40V; IB= 0
B
ICEO
Collector
Cutoff Current
BDW24C
VCE= -50V; IB= 0
B
-0.5
mA
BDW24
VCB= -45V;IE= 0
BDW24A
VCB= -60V;IE= 0
BDW24B
VCB= -80V;IE= 0
ICBO
Collector
Cutoff Current
BDW24C
VCB= -100V;IE= 0
-0.2
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-2
mA
hFE-1
DC Current Gain
IC= -1A ; VCE= -3V
1000
hFE-2
DC Current Gain
IC= -2A ; VCE= -3V
750
20000
hFE-3
DC Current Gain
IC= -6A ; VCE= -3V
100
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com