Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGSF313 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # SGSF313
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SGSF313 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  SGSF313 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SGSF313 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
SGSF313
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.1A; L= 25mH
450
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 1 A ;IB= 0.1A
IC= 1 A ;IB= 0.1A ;TC=125℃
0.5
0.6
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 2A ;IB= 0.4 A
IC= 2A ;IB= 0.4 A ;TC=125℃
0.45
0.8
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 2.5A ;IB= 0.5 A
B
0.75
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
B
1.1
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 2A; IB= 0.4A
B
1.25
V
VBE(sat)-3
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 0.5 A
1.3
V
ICES
Collector Cutoff Current
VCE= 1000V;VBE= 0
VCE= 1000V;VBE= 0;TC=125℃
0.01
0.1
mA
ICEO
Collector Cutoff Current
VCE= 450V; IB= 0
0.1
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 2.5V
IC= 1A ; VCE= 2.5V;TC=125℃
12
25
hFE-2
DC Current Gain
IC= 1A ; VCE= 5V
IC= 1A ; VCE= 5V;TC=125℃
15
28
45
hFE-3
DC Current Gain
IC= 2A ; VCE= 1V
IC= 2A ; VCE= 1V;TC=125℃
6
12
hFE-4
DC Current Gain
IC= 5mA; VCE= 5V
10
Switching Times; Resistive Load
ton
Turn-on Time
0.5
1
μs
tS
Storage Time
1.5
2.5
μs
tf
Turn-off Time
VCC=250V ,IC=2.5A
IB1= 0.5A;IB2= -1A
0.18
0.3
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com