Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV26F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUV26F
Description  Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUV26F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUV26F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUV26F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUV26F/AF
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUV26F
90
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUV26AF
IC= 0.2A ;IB= 0; L= 25mH
B
100
V
BUV26F
IC= 12A; IB= 1.2A
1.5
VCE(sat)-1
Collector-Emitter
Saturation Voltage
BUV26AF
IC= 10A; IB= 1.0A
1.0
V
BUV26F
IC= 6A; IB= 0.6A
B
0.6
VCE(sat)-2
Collector-Emitter
Saturation Voltage
BUV26AF
IC= 5A; IB= 0.5A
B
0.5
V
BUV26F
IC= 12A; IB= 1.2A
2.0
VBE(sat)-1
Base-Emitter
Saturation Voltage
BUV26AF
IC= 10A; IB= 1.0A
1.5
V
BUV26F
IC= 6A; IB= 0.6A
B
1.2
VBE(sat)-2
Base-Emitter
Saturation Voltage
BUV26AF
IC= 5A; IB= 0.5A
B
1.2
V
ICEX
Collector Cutoff Current
VCE=VCESmax;VBE=-1.5V,TJ=125℃
1.0
mA
ICES
Collector Cutoff Current
VCE=VCESmax;VBE=0,TJ=125℃
3.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
1.0
mA
Switching Times; Resistive Load
ton
Turn-On Time
0.4
0.6
μs
tstg
Storage Time
0.45
1.0
μs
tf
Fall Time
For BUV26F
IC= 12A; IB1= 1.2A; IB2= -2.4A
For BUV26AF
IC= 10A; IB1= 1.0A; IB2= -2.0A
0.12
0.25
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com