Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX67C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUX67C
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX67C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUX67C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX67C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUX67/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUX67
150
BUX67A
250
BUX67B
300
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUX67C
IC=200mA ; IB=0
350
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.15A
B
2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1A; IB= 0.15A
B
1.4
V
BUX67
VCB= 150V; IE= 0
1.0
BUX67A
VCB= 250V; IE= 0
1.0
BUX67B
VCB= 300V; IE= 0
1.0
ICBO
Collector
Cutoff Current
BUX67C
VCB= 350V; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
0.5
mA
hFE
DC Current Gain
IC= 1A ; VCE= 5V
10
150
fT
Current Gain-Bandwidth Product
IC= 0.5A ; VCE= 10V
25
MHz
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com