Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA699 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA699
Description  Silicon PNP Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA699 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA699 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA699 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA699 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SA699 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SA699 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA699 2SA699A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=-1.5A ;IB=-0.15A
-0.4
-1.0
V
VBEsat
Base-emitter saturation voltage
IC=-2A ;IB=-0.2 A
B
-1.5
V
2SA699
-40
V(BR)CBO
Collector-base
breakdown voltage
2SA699A
IC=-1mA;IE=0
-50
V
2SA699
-32
V(BR)CEO
Collector-emitter
breakdown voltage
2SA699A
IC=-10mA; IB=0
-40
V
ICBO
Collector cut-off current
VCB=-20V; IE=0
-1
μA
ICEO
Collector cut-off current
VCE=-12V; IB=0
-100
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-100
μA
hFE
DC current gain
IC=-1A ; VCE=-5V
50
220
COB
Output capacitance
IE=0; VCB=-5V;f=1MHz
70
pF
fT
Transition frequency
IE=0.5A ; VCB=-5V
150
MHz
hFE classifications
P
Q
R
50-100
80-160
100-220
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com